データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33023DW データシート(PDF) 4 Page - ON Semiconductor

部品番号 MC33023DW
部品情報  High Speed Single?묮nded PWM Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33023DW データシート(HTML) 4 Page - ON Semiconductor

  MC33023DW Datasheet HTML 1Page - ON Semiconductor MC33023DW Datasheet HTML 2Page - ON Semiconductor MC33023DW Datasheet HTML 3Page - ON Semiconductor MC33023DW Datasheet HTML 4Page - ON Semiconductor MC33023DW Datasheet HTML 5Page - ON Semiconductor MC33023DW Datasheet HTML 6Page - ON Semiconductor MC33023DW Datasheet HTML 7Page - ON Semiconductor MC33023DW Datasheet HTML 8Page - ON Semiconductor MC33023DW Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MC34023, MC33023
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (VCC = 15 V, RT = 3.65 kW, CT = 1.0 nF, for typical values TA = + 25°C, for min/max values TA
is the operating ambient temperature range that applies [Note 3], unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
CURRENT SENSE SECTION
Input Bias Current (Pin 9(12) = 0 V to 4.0 V)
IIB
15
mA
Current Limit Comparator Input Offset Voltage (Pin 11(14) = 1.1 V)
VIO
45
mV
Current Limit Reference Input Common Mode Range (Pin 11(14)) TJ =+ 25°C
VCMR
1.0
3.0
V
Shutdown Comparator Threshold
Vth
1.25
1.40
1.55
V
Propagation Delay (Current Limit/Shutdown to Output, TJ =+ 25°C)
tPLH(in/out)
50
80
ns
OUTPUT SECTION
Output Voltage
Low State (ISink = 20 mA)
(ISink = 200 mA)
High State (ISource = 20 mA)
(ISource = 200 mA)
VOL
VOH
13
12
0.25
1.2
13.5
13
0.4
2.2
V
Output Voltage with UVLO Activated (VCC = 6.0 V, ISink = 0.5 mA)
VOL(UVLO)
0.25
1.0
V
Output Leakage Current (VC = 20 V)
IL
100
500
mA
Output Voltage Rise Time (CL = 1.0 nF, TJ = + 25°C)
tr
30
60
ns
Output Voltage Fall Time (CL = 1.0 nF, TJ = + 25°C)
tf
30
60
ns
UNDERVOLTAGE LOCKOUT SECTION
Startup Threshold (VCC Increasing)
Vth(on)
8.8
9.2
9.6
V
UVLO Hysteresis Voltage (VCC Decreasing After Turn−On)
VH
0.4
0.8
1.2
V
TOTAL DEVICE
Power Supply Current
Startup (VCC = 8.0 V)
Operating
ICC
0.5
20
1.2
30
mA
3. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
Tlow =0°C for MC34023
Thigh = +70°C for MC34023
=−40
°C for MC33023
= +105
°C for MC33023


同様の部品番号 - MC33023DW

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33023DW ONSEMI-MC33023DW Datasheet
470Kb / 19P
   High Speed Single-Ended PWM Controller
Rev 2
More results

同様の説明 - MC33023DW

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC34025 ONSEMI-MC34025_05 Datasheet
473Kb / 20P
   High Speed Double?묮nded PWM Controller
October, 2005 ??Rev. 7
MC34023 ONSEMI-MC34023 Datasheet
470Kb / 19P
   High Speed Single-Ended PWM Controller
Rev 2
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com