データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

4N323S データシート(PDF) 10 Page - Fairchild Semiconductor

部品番号 4N323S
部品情報  General Purpose 6-Pin Photodarlington Optocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N323S データシート(HTML) 10 Page - Fairchild Semiconductor

Back Button 4N323S Datasheet HTML 5Page - Fairchild Semiconductor 4N323S Datasheet HTML 6Page - Fairchild Semiconductor 4N323S Datasheet HTML 7Page - Fairchild Semiconductor 4N323S Datasheet HTML 8Page - Fairchild Semiconductor 4N323S Datasheet HTML 9Page - Fairchild Semiconductor 4N323S Datasheet HTML 10Page - Fairchild Semiconductor 4N323S Datasheet HTML 11Page - Fairchild Semiconductor 4N323S Datasheet HTML 12Page - Fairchild Semiconductor 4N323S Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
4N29, 4N30, 4N31, 4N32, 4N33 Rev. 1.0.1
10
Ordering Information
Marking Information
Black Package
(No Suffix)
Example
White Package
(-M Suffix)
Example
Option
No Suffix
4N32
No Suffix
4N32M
Standard Through Hole Device
.S
4N32S
S
4N32SM
Surface Mount Lead Bend
.SD
4N32SD
SR2
4N32SR2M
Surface Mount; Tape and reel
.W
4N32W
T
4N32TM
0.4" Lead Spacing
.300
4N32300
V
4N32VM
VDE 0884
.300W
4N32300W
TV
4N32TVM
VDE 0884, 0.4" Lead Spacing
.3S
4N323S
SV
4N32SVM
VDE 0884, Surface Mount
.3SD
4N323SD
SR2V
4N32SR2VM
VDE 0884, Surface Mount, Tape & Reel
4N29
V XX YY K
Black Package, No Suffix
1
2
6
4
3
5
4N29
V
X YY Q
White Package, -M Suffix
1
2
6
4
3
5
*Note – Parts built in the white package (M suffix) that do not have the ‘V’ option (see
definition 3 above) that are marked with date code ‘325’ or earlier are marked in the
portrait format.
Definitions
1Fairchild logo
2Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table)
4
One or two digit year code
• Two digits for black package parts, e.g., ‘07’
• One digit for white package parts, e.g., ‘7’
5Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code


同様の部品番号 - 4N323S

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
4N323S FAIRCHILD-4N323S Datasheet
437Kb / 8P
   GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
4N323SD FAIRCHILD-4N323SD Datasheet
437Kb / 8P
   GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
More results

同様の説明 - 4N323S

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
4N29SR2M FAIRCHILD-4N29SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SM FAIRCHILD-4N29SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N30SM FAIRCHILD-4N30SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29M FAIRCHILD-4N29M Datasheet
233Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N33SR2M FAIRCHILD-4N33SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1VM FAIRCHILD-H11B1VM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1SR2M FAIRCHILD-H11B1SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
logo
ON Semiconductor
4N29M ONSEMI-4N29M Datasheet
191Kb / 14P
   6-Pin DIP General Purpose Photodarlington Optocoupler
Rev. 1.0.4
logo
Fairchild Semiconductor
4N29M FAIRCHILD-4N29M_09 Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler Portable electronics
logo
List of Unclassifed Man...
H11B1 ETC1-H11B1 Datasheet
473Kb / 12P
   6-PIN PHOTODARLINGTON OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com