データシートサーチシステム |
|
4N32SR2M データシート(PDF) 6 Page - Fairchild Semiconductor |
|
4N32SR2M データシート(HTML) 6 Page - Fairchild Semiconductor |
6 / 13 page ©2006 Fairchild Semiconductor Corporation www.fairchildsemi.com 4N29, 4N30, 4N31, 4N32, 4N33 Rev. 1.0.1 6 Typical Performance Curves (Continued) 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 Fig. 15 Normalized ton vs. RBE (Black Package) Fig. 16 Normalized ton vs. RBE (White Package) RBE- BASE RESISTANCE (k Ω) RBE- BASE RESISTANCE (k Ω) 10 100 1000 10000 100000 10 100 1000 10000 100000 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 VCC = 10 V IC = 2 mA RL = 100 Ω VCC = 10 V IC = 2 mA RL = 100 Ω Fig. 14 Switching Speed vs. Load Resistor (White Package) R-LOAD RESISTOR (k Ω) 0.1 1 10 100 0.1 1 10 100 1000 Toff IF = 10 mA VCC = 10 V TA = 25°C Tr Ton Tf Fig. 13 Switching Speed vs. Load Resistor (Black Package) R-LOAD RESISTOR (k Ω) 0.1 1 10 100 0.1 1 10 100 1000 Toff IF = 10 mA VCC = 10 V TA = 25°C Tr Ton Tf 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 VCC = 10 V IC = 2 mA RL = 100 Ω VCC = 10 V IC = 2 mA RL = 100 Ω Fig. 17 Normalized toff vs. RBE (Black Package) 10 100 1000 10000 100000 RBE- BASE RESISTANCE (k Ω) 10 100 1000 10000 100000 RBE- BASE RESISTANCE (k Ω) Fig. 18 Normalized toff vs. RBE (White Package) |
同様の部品番号 - 4N32SR2M |
|
同様の説明 - 4N32SR2M |