データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCP69 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 BCP69
部品情報  PNP General Purpose Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BCP69 データシート(HTML) 1 Page - Fairchild Semiconductor

  BCP69 Datasheet HTML 1Page - Fairchild Semiconductor BCP69 Datasheet HTML 2Page - Fairchild Semiconductor BCP69 Datasheet HTML 3Page - Fairchild Semiconductor BCP69 Datasheet HTML 4Page - Fairchild Semiconductor BCP69 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2007 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
BCP69 Rev. B
January 2007
BCP69
PNP General Purpose Amplifier
• This device is designed for general purpose medium power amplifiers
and switches requiring collector currents to 1.0A.
• Sourced from Process 77.
Absolute Maximum Ratings* T
a=25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150
°C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics* T
a=25°C unless otherwise noted
* Device mounted on FR-4 PCB 36mm
× 18mm × 1.5mm; mounting pad for the collector lead min. 6cm2
Electrical Characteristics* T
a = 25°C unless otherwise noted
* Pulse Test: Pulse Width
≤ 300µs, Duty Cycle ≤ 2.0%
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
-20
V
VCBO
Collector-Base Voltage
-30
V
VEBO
Emitter-Base Voltage
-5.0
V
IC
Collector Current
- Continuous
-1.5
A
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature Range
- 55 ~ +150
°C
Symbol
Parameter
Value
Units
PD
Total Device Dissipation
Derate above 25
°C
1.0
8.0
W
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
125
°C/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVCEO
Collector-Emitter Breakdown Voltage
IC = -10mA, IB = 0
-20
V
BVCBO
Collector-Base Breakdown Voltage
IC = -1.0mA, IE = 0
-30
V
BVEBO
Emitter-Base Breakdown Voltage
IE = -100µA, IC = 0
-5.0
V
ICBO
Collector-Base Cutoff Current
VCB = -25V, IE = 0
VCB = -25V, IE = 0, Tj = 150
oC
-100
-10
nA
uA
IEBO
Emitter-Base Cutoff Current
VEB = -5.0V, IC = 0
-100
nA
hFE
DC Current Gain
IC = -5mA, VCE = -1.0V
IC = -500mA, VCE = -1.0V
IC = -1.0A, VCE = -1.0V
50
85
60
375
VCE(sat)
Collector-Emitter Saturation Voltage
IC = -1.0A, IB = -100mA
-0.5
V
VBE(on)
Base-Emitter On Voltage
IC = -1.0A, VCE = -1.0V
-1.0
V
Ccb
Collector-Base Capacitance
VCB = -10V, IE = 0, f = 1.0MHz
30
pF
hfe
Small-Signal Current Gain
IC = -50mA, VCE = -10V, f = 20MHz
2.5
SOT-223
1
2
4
3
1. Base 2. Collector 3. Emitter


同様の部品番号 - BCP69

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BCP69 PHILIPS-BCP69 Datasheet
45Kb / 8P
   PNP medium power transistor
1999 Apr 08
logo
Fairchild Semiconductor
BCP69 FAIRCHILD-BCP69 Datasheet
628Kb / 1P
   FAIRCHILD Small Signal Transistors
logo
Zetex Semiconductors
BCP69 ZETEX-BCP69 Datasheet
43Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
NXP Semiconductors
BCP69 NXP-BCP69 Datasheet
266Kb / 24P
   20 V, 2 A PNP medium power transistors
Rev. 7-12 October 2011
logo
Siemens Semiconductor G...
BCP69 SIEMENS-BCP69 Datasheet
136Kb / 4P
   PNP Silicon AF Transistor (For general AF application High collector current High current gain)
More results

同様の説明 - BCP69

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com