データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NBSG111BA データシート(PDF) 5 Page - ON Semiconductor

部品番号 NBSG111BA
部品情報  2.5V/3.3V SiGe Differential 1:10 Clock/Data Driver with RSECL Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG111BA データシート(HTML) 5 Page - ON Semiconductor

  NBSG111BA Datasheet HTML 1Page - ON Semiconductor NBSG111BA Datasheet HTML 2Page - ON Semiconductor NBSG111BA Datasheet HTML 3Page - ON Semiconductor NBSG111BA Datasheet HTML 4Page - ON Semiconductor NBSG111BA Datasheet HTML 5Page - ON Semiconductor NBSG111BA Datasheet HTML 6Page - ON Semiconductor NBSG111BA Datasheet HTML 7Page - ON Semiconductor NBSG111BA Datasheet HTML 8Page - ON Semiconductor NBSG111BA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
NBSG111
http://onsemi.com
5
Table 4. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor, R2
(CLK0, CLK0, CLK1, CLK1, SEL, SEL, EN, EN)
75 kW
Internal Input Pullup Resistor, R1 (CLK0, CLK1, SEL, EN)
36.5 kW
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 2 kV
> 100 V
> 1 kV
Moisture Sensitivity (Note 3)
Level 3
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
479
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
3. For additional information, see Application Note AND8003/D.
Table 5. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Units
VCC
Positive Power Supply
VEE = 0 V
3.6
V
VI
Positive Input
Negative Input
VEE = 0 V
VCC = 0 V
VI  VCC
VI  VEE
3.6
−3.6
V
V
VEE
Negative Power Supply
VCC = 0 V
−3.6
V
VINPP
Differential Input Voltage |CLK − CLK|
VCC − VEE w 2.8 V
VCC − VEE t 2.8 V
2.8
|VCC − VEE|
V
V
IOUT
Output Current
Continuous
Surge
25
50
mA
mA
IIN
Input Current Through RT (50 W Resistor)
Static
Surge
45
80
mA
mA
IBB
VBB Sink/Source
1
mA
IMM
VMM Sink/Source
1
mA
TA
Operating Temperature Range
−40 to +70
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
(Note 4)
0 LFPM
500 LFPM
49 FCBGA
49 FCBGA
67
57
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
2S2P (Note 4)
49 FCBGA
2 to 4
°C/W
Tsol
Wave Solder
< 15 sec.
225
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
4. JEDEC standard 51−6, multilayer board − 2S2P (2 signal, 2 power).


同様の部品番号 - NBSG111BA

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NBSG111BA ONSEMI-NBSG111BA Datasheet
355Kb / 12P
   Evaluation Board Manual for NBSG111
October, 2003 ??Rev. 0
NBSG111BAEVB ONSEMI-NBSG111BAEVB Datasheet
355Kb / 12P
   Evaluation Board Manual for NBSG111
October, 2003 ??Rev. 0
More results

同様の説明 - NBSG111BA

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NBSG14 ONSEMI-NBSG14 Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG14 ONSEMI-NBSG14_06 Datasheet
390Kb / 13P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
July, 2006 ??Rev. 9
NBSG11 ONSEMI-NBSG11 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
NBSG11 ONSEMI-NBSG11_06 Datasheet
117Kb / 12P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL Outputs
July, 2006 ??Rev. 8
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NB7L111M ONSEMI-NB7L111M Datasheet
256Kb / 13P
   2.5V / 3.3V, 6.125Gb/s 1:10 Differential Clock/Data Driver with CML Output
January, 2006 ??Rev. 1
NBSG14 ONSEMI-NBSG14_14 Datasheet
397Kb / 12P
   SiGe Differential 1:4 Clock/Data Driver
June, 2014 ??Rev. 17
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111_06 Datasheet
155Kb / 10P
   2.5V / 3.3V 1:10 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com