データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NBSG111BA データシート(PDF) 3 Page - ON Semiconductor

部品番号 NBSG111BA
部品情報  2.5V/3.3V SiGe Differential 1:10 Clock/Data Driver with RSECL Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG111BA データシート(HTML) 3 Page - ON Semiconductor

  NBSG111BA Datasheet HTML 1Page - ON Semiconductor NBSG111BA Datasheet HTML 2Page - ON Semiconductor NBSG111BA Datasheet HTML 3Page - ON Semiconductor NBSG111BA Datasheet HTML 4Page - ON Semiconductor NBSG111BA Datasheet HTML 5Page - ON Semiconductor NBSG111BA Datasheet HTML 6Page - ON Semiconductor NBSG111BA Datasheet HTML 7Page - ON Semiconductor NBSG111BA Datasheet HTML 8Page - ON Semiconductor NBSG111BA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NBSG111
http://onsemi.com
3
Table 1. PIN DESCRIPTION
Pin
Name
I/O
Description
A1,A7,G1,G7,C2,E6
VEE
Negative Supply Voltage. All VEE Pins Must be Externally Con-
nected to Power Supply to Guarantee Proper Operation.
F3,D4,B5
VCC
Positive Supply Voltage. All VCC Pins Must be Externally Connected
to Power Supply to Guarantee Proper Operation.
B2
VMM
LVCMOS Reference Voltage Output (VCC − VEE) / 2.
F6
VBB
ECL Reference Voltage Output
E4
VTCLK0
Internal 50 W Termination Pin for CLK0. See Table 4. (Note 1)
F4
CLK0
ECL, CML, LVCMOS, LVDS,
LVTTL Input
Noninverted Differential Input CLK0. Internal 75 kW to VEE.
E5
VTCLK0
Internal 50 W Termination Pin for CLK0. See Table 4. (Note 1)
F5
CLK0
ECL, CML, LVCMOS, LVDS,
LVTTL Input
Inverted Differential Input CLK0. Internal 75 kW to VEE and 36.5 kW
to VCC.
C4
VTCLK1
Internal 50 W Termination Pin 1. See Table 4. (Note 1)
B4
CLK1
ECL, CML, LVCMOS, LVDS,
LVTTL Input
Noninverted Differential Input CLK1. Internal 75 kW to VEE.
C3
VTCLK1
Internal 50 W Termination Pin for CLK1. See Table 4. (Note 1)
B3
CLK1
ECL, CML, LVCMOS, LVDS,
LVTTL Input
Inverted Differential Input CLK1. Internal 75 kW to VEE and 36.5 kW
to VCC.
B1,D1,F1,G3,G5,F7,
D7,B7,A5,A3
Q[0:9]
RSECL Output
Noninverted Differential Outputs [0:9]. Typically Terminated with
50 W to VTT = VCC − 1.5 V
C1,E1,G2,G4,G6,E7,
C7,A6,A4,A2
Q[0:9]
RSECL Output
Inverted Differential Outputs [0:9]. Typically Terminated with 50 W to
VTT = VCC − 1.5 V
D5
VTSEL
Internal 50 W Termination Pin for SEL. See Table 4. (Note 1)
D6
SEL
ECL, CML, LVCMOS, LVDS,
LVTTL Input
Noninverted Differential Select Logic Input. Internal 75 kW to VEE.
C5
VTSEL
Internal 50 W Termination Pin for SEL. See Table 4. (Note 1)
C6
SEL
ECL, CML, LVCMOS, LVDS,
LVTTL Input
Inverted Differential Select Logic Input. Internal 75 kW to VEE and
36.5 kW to VCC.
D3
VTEN
Internal 50 W Termination Pin for EN. See Table 4. (Note 1)
D2
EN
ECL, CML, LVCMOS, LVDS,
LVTTL Input
Noninverted Differential Output Enable Pin. Internal 75 kW to VEE.
E3
VTEN
Internal 50 W termination Pin for EN. See Table 4. (Note 1)
E2
EN
ECL, CML, LVCMOS, LVDS,
LVTTL Input
Inverted Differential Output Enable Pin. Internal 75 kW to VEE and
36.5 kW to VCC.
F2,B6
NC
No Connect. The NC Pins are Electrically Connected to the Die and
”MUST BE” Left Open.
1. In the differential configuration when the input termination pins (VTCLK, VTDCLK) are connected to a common termination voltage and
if no signal is applied, then the device will be susceptible to self−oscillation.


同様の部品番号 - NBSG111BA

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NBSG111BA ONSEMI-NBSG111BA Datasheet
355Kb / 12P
   Evaluation Board Manual for NBSG111
October, 2003 ??Rev. 0
NBSG111BAEVB ONSEMI-NBSG111BAEVB Datasheet
355Kb / 12P
   Evaluation Board Manual for NBSG111
October, 2003 ??Rev. 0
More results

同様の説明 - NBSG111BA

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NBSG14 ONSEMI-NBSG14 Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG14 ONSEMI-NBSG14_06 Datasheet
390Kb / 13P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
July, 2006 ??Rev. 9
NBSG11 ONSEMI-NBSG11 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
NBSG11 ONSEMI-NBSG11_06 Datasheet
117Kb / 12P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL Outputs
July, 2006 ??Rev. 8
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NB7L111M ONSEMI-NB7L111M Datasheet
256Kb / 13P
   2.5V / 3.3V, 6.125Gb/s 1:10 Differential Clock/Data Driver with CML Output
January, 2006 ??Rev. 1
NBSG14 ONSEMI-NBSG14_14 Datasheet
397Kb / 12P
   SiGe Differential 1:4 Clock/Data Driver
June, 2014 ??Rev. 17
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111_06 Datasheet
155Kb / 10P
   2.5V / 3.3V 1:10 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com