データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8367-EVAL データシート(PDF) 6 Page - Analog Devices

部品番号 AD8367-EVAL
部品情報  500 MHz, Linear-in-dB VGA with AGC Detector
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8367-EVAL データシート(HTML) 6 Page - Analog Devices

Back Button AD8367-EVAL Datasheet HTML 2Page - Analog Devices AD8367-EVAL Datasheet HTML 3Page - Analog Devices AD8367-EVAL Datasheet HTML 4Page - Analog Devices AD8367-EVAL Datasheet HTML 5Page - Analog Devices AD8367-EVAL Datasheet HTML 6Page - Analog Devices AD8367-EVAL Datasheet HTML 7Page - Analog Devices AD8367-EVAL Datasheet HTML 8Page - Analog Devices AD8367-EVAL Datasheet HTML 9Page - Analog Devices AD8367-EVAL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8367
Rev. A | Page 6 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AD8367
TOP VIEW
(Not to Scale)
ICOM
1
ICOM
14
ENBL
2
HPFL
13
INPT
3
VPSI
12
MODE
4
VPSO
11
GAIN
5
VOUT
10
DETO
6
DECL
9
ICOM
7
OCOM
8
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 7, 14
ICOM
Signal Common. Connect to low impedance ground.
2
ENBL
A HI Activates the Device.
3
INPT
Signal Input. 200 Ω to ground.
4
MODE
Gain Direction Control. HI for positive slope; LO for negative slope.
5
GAIN
Gain Control Voltage Input.
6
DETO
Detector Output. Provides output current for RSSI function and AGC control.
8
OCOM
Power Common. Connect to low impedance ground.
9
DECL
Output Centering Loop Decoupling Pin.
10
VOUT
Signal Output. To be externally ac-coupled to load.
11
VPSO
Positive Supply Voltage. 2.7 V to 5.5 V. VPSI and VPSO are tied together internally with back-to-back
PN junctions. They should be tied together externally and properly bypassed.
12
VPSI
Positive Supply Voltage. 2.7 V to 5.5 V.
13
HPFL
High-Pass Filter Connection. A capacitor to ground sets the corner frequency of the output offset control loop.


同様の部品番号 - AD8367-EVAL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8367-EVAL AD-AD8367-EVAL Datasheet
607Kb / 16P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. 0
More results

同様の説明 - AD8367-EVAL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8367 AD-AD8367 Datasheet
607Kb / 16P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. 0
AD8367 AD-AD8367_15 Datasheet
492Kb / 24P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8368 AD-AD8368_15 Datasheet
859Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. B
AD8368 AD-AD8368 Datasheet
471Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. 0
AD8368 AD-AD8368_07 Datasheet
511Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8386 AD-AD8386_17 Datasheet
742Kb / 20P
   Linear-in-dB VGA with AGC Detector
ADL6337 AD-ADL6337 Datasheet
1Mb / 41P
   35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
Rev. B
ADL6012 AD-ADL6012 Datasheet
268Kb / 7P
   500 MHz BW Envelope Detector
logo
Linear Technology
LTC5596 LINER-LTC5596 Datasheet
2Mb / 22P
   100MHz to 40GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
logo
Analog Devices
LTC5597 AD-LTC5597 Datasheet
2Mb / 22P
   100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com