データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BYM36D データシート(PDF) 10 Page - NXP Semiconductors

部品番号 BYM36D
部品情報  Fast soft-recovery controlled avalanche rectifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYM36D データシート(HTML) 10 Page - NXP Semiconductors

Back Button BYM36D Datasheet HTML 6Page - NXP Semiconductors BYM36D Datasheet HTML 7Page - NXP Semiconductors BYM36D Datasheet HTML 8Page - NXP Semiconductors BYM36D Datasheet HTML 9Page - NXP Semiconductors BYM36D Datasheet HTML 10Page - NXP Semiconductors BYM36D Datasheet HTML 11Page - NXP Semiconductors BYM36D Datasheet HTML 12Page - NXP Semiconductors BYM36D Datasheet HTML 13Page - NXP Semiconductors BYM36D Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
1996 Sep 18
10
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYM36 series
BYM36F and G
a=IF(RMS)/IF(AV); VR =VRRMmax; δ = 0.5.
Fig.16 Maximum steady state power dissipation
(forward plus leakage current losses,
excluding switching losses) as a function of
average forward current.
handbook, halfpage
5
01
3
0
MLB560
2
1
2
3
4
I F(AV) (A)
P
(W)
a = 3
2.5
2
1.42
1.57
Fig.17 Maximum permissible junction temperature
as a function of reverse voltage.
BYM36A to E
Solid line = VR.
Dotted line = VRRM; δ = 0.5.
handbook, halfpage
200
0
400
1200
0
MSA873
800
100
V
(V)
R
AB
C
D
E
Tj
(
°C)
Fig.18 Maximum permissible junction temperature
as a function of reverse voltage.
BYM36F and G
Solid line = VR.
Dotted line = VRRM; δ = 0.5.
handbook, halfpage
200
0
2000
0
MLB601
1000
100
V
(V)
R
T j
( C)
o
FG
Fig.19 Forward current as a function of forward
voltage; maximum values.
BYM36A to C
Dotted line: Tj = 175 °C.
Solid line: Tj =25 °C.
handbook, halfpage
0
12
IF
8
(A)
4
0
12
VF (V)
3
MSA880


同様の部品番号 - BYM36D

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
BYM36D VISHAY-BYM36D Datasheet
149Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.6, 12-Aug-04
logo
Galaxy Semi-Conductor H...
BYM36D BILIN-BYM36D Datasheet
67Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
BYM36D VISHAY-BYM36D Datasheet
107Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
logo
Shenzhen Luguang Electr...
BYM36D LUGUANG-BYM36D Datasheet
172Kb / 2P
   Fast Recovery Rectifiers
logo
Diode Semiconductor Kor...
BYM36D DSK-BYM36D Datasheet
286Kb / 2P
   FAST RECOVERY RECTIFIERS
More results

同様の説明 - BYM36D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BYV36 PHILIPS-BYV36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
BYW95 PHILIPS-BYW95 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD31 PHILIPS-BYD31 Datasheet
59Kb / 9P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD37 PHILIPS-BYD37 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
BYD52 PHILIPS-BYD52 Datasheet
51Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 03
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD33 PHILIPS-BYD33 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
logo
New Jersey Semi-Conduct...
BYW95 NJSEMI-BYW95 Datasheet
141Kb / 2P
   Fast soft-recovery controlled avalanche rectifiers
logo
NXP Semiconductors
BYD53 PHILIPS-BYD53 Datasheet
81Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 04
BYM26 PHILIPS-BYM26 Datasheet
70Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 May 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com