データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8611 データシート(PDF) 7 Page - Analog Devices

部品番号 AD8611
部品情報  Ultrafast, 4 ns Single-Supply Comparators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8611 データシート(HTML) 7 Page - Analog Devices

Back Button AD8611_06 Datasheet HTML 3Page - Analog Devices AD8611_06 Datasheet HTML 4Page - Analog Devices AD8611_06 Datasheet HTML 5Page - Analog Devices AD8611_06 Datasheet HTML 6Page - Analog Devices AD8611_06 Datasheet HTML 7Page - Analog Devices AD8611_06 Datasheet HTML 8Page - Analog Devices AD8611_06 Datasheet HTML 9Page - Analog Devices AD8611_06 Datasheet HTML 10Page - Analog Devices AD8611_06 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8611/AD8612
Rev. A | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
8
0
–50
100
–25
0
25
50
75
6
5
4
2
1
3
7
V+ = 5V
OVERDRIVE > 10mV
PD–
PD+
Figure 7. Propagation Delay vs. Temperature
OVERDRIVE (mV)
18
16
0
0
25
5
101520
10
6
4
2
14
12
8
V+ = 5V
TA = 25°C
PD–
PD+
Figure 8. Propagation Delay vs. Overdrive
CAPACITANCE (pF)
8
0
0
80
20
40
60
6
5
4
2
1
3
7
V+ = 5V
TA = 25°C
OVERDRIVE > 10mV
PD–
PD+
Figure 9. Propagation Delay vs. Load Capacitance
SOURCE RESISTANCE (kΩ)
18
0
02
0.5
1.0
6
2
14
12
8
.5
PD–
PD+
V+ = 5V
TA = 25°C
OVERDRIVE = 5mV
1.5
2.0
Figure 10. Propagation Delay vs. Source Resistance
SUPPLY VOLTAGE (V)
8
7
0
6
23
45
4
3
2
1
6
5
PD–
PD+
TA = 25°C
STEP = 100mV
OVERDRIVE > 10mV
Figure 11. Propagation Delay vs. Supply Voltage
COMMON-MODE VOLTAGE (V)
35
30
0
15
10
5
25
20
TA = 25°C
STEP = 100mV
OVERDRIVE = 50mV
6
23
45
PD–
PD+
Figure 12. Propagation Delay vs. Common-Mode Voltage


同様の部品番号 - AD8611_06

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8611AR AD-AD8611AR Datasheet
130Kb / 12P
   Ultrafast 4 ns Single Supply Comparators
REV. 0
AD8611AR AD-AD8611AR Datasheet
316Kb / 20P
   Single-Supply Comparators
AD8611ARM AD-AD8611ARM Datasheet
130Kb / 12P
   Ultrafast 4 ns Single Supply Comparators
REV. 0
AD8611ARMZ-R2 AD-AD8611ARMZ-R2 Datasheet
316Kb / 20P
   Single-Supply Comparators
AD8611ARMZ-REEL AD-AD8611ARMZ-REEL Datasheet
316Kb / 20P
   Single-Supply Comparators
More results

同様の説明 - AD8611_06

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8611 AD-AD8611 Datasheet
130Kb / 12P
   Ultrafast 4 ns Single Supply Comparators
REV. 0
AD8561AR-REEL AD-AD8561AR-REEL Datasheet
650Kb / 12P
   Ultrafast 7 ns Single Supply Comparator
REV. A
AD8561 AD-AD8561_15 Datasheet
662Kb / 12P
   Ultrafast 7 ns Single Supply Comparator
Rev. B
AD8561 AD-AD8561_13 Datasheet
650Kb / 12P
   Ultrafast 7 ns Single Supply Comparator
REV. A
AD8561 AD-AD8561 Datasheet
105Kb / 11P
   Ultrafast 7 ns Single Supply Comparator
REV. 0
ADCMP573 AD-ADCMP573 Datasheet
412Kb / 16P
   Ultrafast 3.3 V Single-Supply Comparators
Rev. PrB
AD8612 AD-AD8612_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
AD8611 AD-AD8611_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
AD8611 AD-AD8611_16 Datasheet
316Kb / 20P
   Single-Supply Comparators
ADCMP573BCPZ-R2 AD-ADCMP573BCPZ-R2 Datasheet
410Kb / 16P
   Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com