データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD602JRZ データシート(PDF) 6 Page - Analog Devices

部品番号 AD602JRZ
部品情報  Dual, Low Noise, Wideband Variable Gain Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD602JRZ データシート(HTML) 6 Page - Analog Devices

Back Button AD602JRZ Datasheet HTML 2Page - Analog Devices AD602JRZ Datasheet HTML 3Page - Analog Devices AD602JRZ Datasheet HTML 4Page - Analog Devices AD602JRZ Datasheet HTML 5Page - Analog Devices AD602JRZ Datasheet HTML 6Page - Analog Devices AD602JRZ Datasheet HTML 7Page - Analog Devices AD602JRZ Datasheet HTML 8Page - Analog Devices AD602JRZ Datasheet HTML 9Page - Analog Devices AD602JRZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD600/AD602
Rev. E | Page 6 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VPOS
VNEG
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
REF
A1
A2
AD600/
AD602
+
C1HI
A1CM
A1OP
A2OP
A2CM
C2HI
C1LO
A1HI
A1LO
GAT1
A2LO
A2HI
C2LO
GAT2
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
C1LO
CH1 Gain-Control Input LO (Positive Voltage Reduces CH1 Gain)
2
A1HI
CH1 Signal Input HI (Positive Voltage Increases CH1 Output)
3
A1LO
CH1 Signal Input LO (Usually Connected to CH1 Input Ground)
4
GAT1
CH1 Gating Input (A Logic HI Shuts Off CH1 Signal Path)
5
GAT2
CH2 Gating Input (A Logic HI Shuts Off CH2 Signal Path)
6
A2LO
CH2 Signal Input LO (Usually Connected to CH2 Input Ground)
7
A2HI
CH2 Signal Input HI (Positive Voltage Increases CH2 Output)
8
C2LO
CH2 Gain-Control Input LO (Positive Voltage Reduces CH2 Gain)
9
C2HI
CH2 Gain-Control Input HI (Positive Voltage Increases CH2 Gain)
10
A2CM
CH2 Common (Usually Connected to CH2 Output Ground)
11
A2OP
CH2 Output
12
VNEG
Negative Supply for Both Amplifiers
13
VPOS
Positive Supply for Both Amplifiers
14
A1OP
CH1 Output
15
A1CM
CH1 Common (Usually Connected to CH1 Output Ground)
16
C1HI
CH1 Gain-Control Input HI (Positive Voltage Increases CH1 Gain)


同様の部品番号 - AD602JRZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD602JR AD-AD602JR Datasheet
669Kb / 20P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
REV. A
More results

同様の説明 - AD602JRZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD602 AD-AD602_15 Datasheet
677Kb / 33P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. F
AD600 AD-AD600 Datasheet
669Kb / 20P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
REV. A
AD600 AD-AD600_15 Datasheet
677Kb / 33P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. F
AD8366 AD-AD8366_17 Datasheet
1Mb / 28P
   Dual-Digital Variable Gain Amplifiers
logo
National Semiconductor ...
LMH6622 NSC-LMH6622 Datasheet
540Kb / 18P
   Dual Wideband, Low Noise, 160MHz, Operational Amplifiers
logo
Texas Instruments
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband, Low Power, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6504 NSC-LMH6504 Datasheet
759Kb / 19P
   Wideband, Low Power, Variable Gain Amplifier
logo
Analog Devices
ADRF6510 AD-ADRF6510_17 Datasheet
1Mb / 32P
   Dual Programmable Filters Variable Gain Amplifiers
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com