データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC8822QC データシート(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
部品番号 DAC8822QC
部品情報  16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BURR-BROWN [Burr-Brown (TI)]
ホームページ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8822QC データシート(HTML) 7 Page - Burr-Brown (TI)

Back Button DAC8822QC Datasheet HTML 3Page - Burr-Brown (TI) DAC8822QC Datasheet HTML 4Page - Burr-Brown (TI) DAC8822QC Datasheet HTML 5Page - Burr-Brown (TI) DAC8822QC Datasheet HTML 6Page - Burr-Brown (TI) DAC8822QC Datasheet HTML 7Page - Burr-Brown (TI) DAC8822QC Datasheet HTML 8Page - Burr-Brown (TI) DAC8822QC Datasheet HTML 9Page - Burr-Brown (TI) DAC8822QC Datasheet HTML 10Page - Burr-Brown (TI) DAC8822QC Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
www.ti.com
DAC8822
SBAS390A – DECEMBER 2006 – REVISED MARCH 2007
Table 2. Address Decoder Pins
A1
A0
OUTPUT UPDATE
0
0
DAC A
0
1
None
1
0
DAC A and DAC B
1
1
DAC B
Table 3. Function of Control Inputs
CONTROL INPUTS
RS
WR
LDAC
REGISTER OPERATION
Asynchronous operation. Reset the input and DAC register to '0' when the RSTSEL pin is tied to DGND, and to
0
X
X
midscale when RSTSEL is tied to VDD.
1
0
0
Load the input register with all 16 data bits.
1
1
1
Load the DAC register with the contents of the input register.
1
0
1
The input and DAC register are transparent.
LDAC and WR are tied together and programmed as a pulse. The 16 data bits are loaded into the input register on
1
the falling edge of the pulse and then loaded into the DAC register on the rising edge of the pulse.
1
1
0
No register operation.
7
Submit Documentation Feedback


同様の部品番号 - DAC8822QC

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
DAC8822QCDBT BURR-BROWN-DAC8822QCDBT Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822QCDBTG4 BURR-BROWN-DAC8822QCDBTG4 Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822QCDBTR BURR-BROWN-DAC8822QCDBTR Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822QCDBTRG4 BURR-BROWN-DAC8822QCDBTRG4 Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
More results

同様の説明 - DAC8822QC

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
DAC8822 BURR-BROWN-DAC8822_07 Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8820 TI-DAC8820 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Parallel Input Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7822 BURR-BROWN-DAC7822 Datasheet
610Kb / 18P
   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8805 TI1-DAC8805_14 Datasheet
797Kb / 25P
[Old version datasheet]   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8805 BURR-BROWN-DAC8805 Datasheet
526Kb / 25P
   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC7822 TI1-DAC7822_14 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC7821 TI-DAC7821 Datasheet
1Mb / 18P
[Old version datasheet]   12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com