データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC8822QC データシート(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
部品番号 DAC8822QC
部品情報  16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BURR-BROWN [Burr-Brown (TI)]
ホームページ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8822QC データシート(HTML) 10 Page - Burr-Brown (TI)

Back Button DAC8822QC Datasheet HTML 6Page - Burr-Brown (TI) DAC8822QC Datasheet HTML 7Page - Burr-Brown (TI) DAC8822QC Datasheet HTML 8Page - Burr-Brown (TI) DAC8822QC Datasheet HTML 9Page - Burr-Brown (TI) DAC8822QC Datasheet HTML 10Page - Burr-Brown (TI) DAC8822QC Datasheet HTML 11Page - Burr-Brown (TI) DAC8822QC Datasheet HTML 12Page - Burr-Brown (TI) DAC8822QC Datasheet HTML 13Page - Burr-Brown (TI) DAC8822QC Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
www.ti.com
Time(0.2 s/div)
m
V
=+10V
REF
LDACPulse
Code:7FFFhto8000h
Time(0.2 s/div)
m
V
=+10V
REF
LDACPulse
Code:8000hto7FFFh
3
2
1
0
-1
-2
-3
-50
-30
-10
130
110
90
70
50
30
10
Temperature( C)
°
DACB
DACA
4
3
2
1
0
-1
-2
-3
-4
-50
-30
-10
130
110
90
70
50
30
10
Temperature( C)
°
DACA
DACB
DAC8822
SBAS390A – DECEMBER 2006 – REVISED MARCH 2007
TYPICAL CHARACTERISTICS: V
DD = +5V (continued)
MIDSCALE DAC GLITCH
MIDSCALE DAC GLITCH
Figure 14.
Figure 15.
FULL-SCALE ERROR
BIPOLAR-ZERO ERROR
vs TEMPERATURE
vs TEMPERATURE
Figure 16.
Figure 17.
10
Submit Documentation Feedback


同様の部品番号 - DAC8822QC

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
DAC8822QCDBT BURR-BROWN-DAC8822QCDBT Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822QCDBTG4 BURR-BROWN-DAC8822QCDBTG4 Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822QCDBTR BURR-BROWN-DAC8822QCDBTR Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822QCDBTRG4 BURR-BROWN-DAC8822QCDBTRG4 Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
More results

同様の説明 - DAC8822QC

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
DAC8822 BURR-BROWN-DAC8822_07 Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8820 TI-DAC8820 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Parallel Input Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7822 BURR-BROWN-DAC7822 Datasheet
610Kb / 18P
   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8805 TI1-DAC8805_14 Datasheet
797Kb / 25P
[Old version datasheet]   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8805 BURR-BROWN-DAC8805 Datasheet
526Kb / 25P
   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC7822 TI1-DAC7822_14 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC7821 TI-DAC7821 Datasheet
1Mb / 18P
[Old version datasheet]   12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com