データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AHCT125PWRG4 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AHCT125PWRG4
部品情報  QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT125PWRG4 データシート(HTML) 3 Page - Texas Instruments

  SN74AHCT125PWRG4 Datasheet HTML 1Page - Texas Instruments SN74AHCT125PWRG4 Datasheet HTML 2Page - Texas Instruments SN74AHCT125PWRG4 Datasheet HTML 3Page - Texas Instruments SN74AHCT125PWRG4 Datasheet HTML 4Page - Texas Instruments SN74AHCT125PWRG4 Datasheet HTML 5Page - Texas Instruments SN74AHCT125PWRG4 Datasheet HTML 6Page - Texas Instruments SN74AHCT125PWRG4 Datasheet HTML 7Page - Texas Instruments SN74AHCT125PWRG4 Datasheet HTML 8Page - Texas Instruments SN74AHCT125PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SN54AHCT125, SN74AHCT125
QUADRUPLE BUS BUFFER GATES
WITH 3-STATE OUTPUTS
SCLS264O – DECEMBER 1995 – REVISED JULY 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
–20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 2): DB package
96
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 2): DGV package
127
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 2): N package
80
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 2): NS package
76
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 2): PW package
113
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 3): RGY package
47
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
3. The package thermal impedance is calculated in accordance with JESD 51-5.
recommended operating conditions (see Note 4)
SN54AHCT125
SN74AHCT125
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
4.5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VI
Input voltage
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
V
IOH
High-level output current
–8
–8
mA
IOL
Low-level output current
8
8
mA
∆t/∆v
Input transition rise or fall rate
20
20
ns/V
TA
Operating free-air temperature
–55
125
–40
85
°C
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


同様の部品番号 - SN74AHCT125PWRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHCT125PWRG4 TI-SN74AHCT125PWRG4 Datasheet
636Kb / 18P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74AHCT125PWRG4 TI-SN74AHCT125PWRG4 Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74AHCT125PWRG4 TI-SN74AHCT125PWRG4 Datasheet
905Kb / 22P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74AHCT125PWRG4 TI-SN74AHCT125PWRG4 Datasheet
2Mb / 40P
[Old version datasheet]   SNx4AHCT125 Quadruple Bus Buffer Gates With 3-State Outputs
REVISED JUNE 2023
More results

同様の説明 - SN74AHCT125PWRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54CH126 TI-SN54CH126 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54HC126 TI-SN54HC126_08 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G125A POTATO-PO74G125A_14 Datasheet
1Mb / 5P
   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54ABT125 TI1-SN54ABT125_15 Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54AHCT125 TI-SN54AHCT125_08 Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54AHC126 TI-SN54AHC126_08 Datasheet
577Kb / 18P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54BCT125A TI-SN54BCT125A Datasheet
491Kb / 14P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54LV125A TI-SN54LV125A_10 Datasheet
779Kb / 21P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LV126A TI-SN74LV126A Datasheet
345Kb / 14P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3 STATE OUTPUTS
SN74LV126A TI-SN74LV126A_07 Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3 STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com