データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AHCT125RGYRG4 データシート(PDF) 5 Page - Texas Instruments

部品番号 SN74AHCT125RGYRG4
部品情報  QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT125RGYRG4 データシート(HTML) 5 Page - Texas Instruments

  SN74AHCT125RGYRG4 Datasheet HTML 1Page - Texas Instruments SN74AHCT125RGYRG4 Datasheet HTML 2Page - Texas Instruments SN74AHCT125RGYRG4 Datasheet HTML 3Page - Texas Instruments SN74AHCT125RGYRG4 Datasheet HTML 4Page - Texas Instruments SN74AHCT125RGYRG4 Datasheet HTML 5Page - Texas Instruments SN74AHCT125RGYRG4 Datasheet HTML 6Page - Texas Instruments SN74AHCT125RGYRG4 Datasheet HTML 7Page - Texas Instruments SN74AHCT125RGYRG4 Datasheet HTML 8Page - Texas Instruments SN74AHCT125RGYRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SN54AHCT125, SN74AHCT125
QUADRUPLE BUS BUFFER GATES
WITH 3-STATE OUTPUTS
SCLS264O – DECEMBER 1995 – REVISED JULY 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
14
pF
PARAMETER MEASUREMENT INFORMATION
50% VCC
3 V
3 V
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Data Input
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
3 V
0 V
50% VCC
50% VCC
Input
Out-of-Phase
Output
In-Phase
Output
Timing Input
50% VCC
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
Output
Control
Output
Waveform 1
S1 at VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
≈VCC
0 V
50% VCC
VOL + 0.3 V
50% VCC
≈0 V
3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open Drain
Open
VCC
GND
VCC
TEST
S1
3 V
0 V
tw
VOLTAGE WAVEFORMS
PULSE DURATION
Input
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr ≤ 3 ns, tf ≤ 3 ns.
D. The outputs are measured one at a time with one input transition per measurement.
E. All parameters and waveforms are not applicable to all devices.
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT FOR
3-STATE AND OPEN-DRAIN OUTPUTS
S1
VCC
RL = 1 kΩ
GND
From Output
Under Test
CL
(see Note A)
Test
Point
LOAD CIRCUIT FOR
TOTEM-POLE OUTPUTS
Open
VOH – 0.3 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
Figure 1. Load Circuit and Voltage Waveforms


同様の部品番号 - SN74AHCT125RGYRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHCT125RGYRG4 TI-SN74AHCT125RGYRG4 Datasheet
636Kb / 18P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74AHCT125RGYRG4 TI-SN74AHCT125RGYRG4 Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74AHCT125RGYRG4 TI-SN74AHCT125RGYRG4 Datasheet
905Kb / 22P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74AHCT125RGYRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54CH126 TI-SN54CH126 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54HC126 TI-SN54HC126_08 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G125A POTATO-PO74G125A_14 Datasheet
1Mb / 5P
   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54ABT125 TI1-SN54ABT125_15 Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54AHCT125 TI-SN54AHCT125_08 Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54AHC126 TI-SN54AHC126_08 Datasheet
577Kb / 18P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54BCT125A TI-SN54BCT125A Datasheet
491Kb / 14P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54LV125A TI-SN54LV125A_10 Datasheet
779Kb / 21P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LV126A TI-SN74LV126A Datasheet
345Kb / 14P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3 STATE OUTPUTS
SN74LV126A TI-SN74LV126A_07 Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3 STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com