データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8325ARUZ-REEL データシート(PDF) 5 Page - Analog Devices

部品番号 AD8325ARUZ-REEL
部品情報  5 V CATV Line Driver Fine Step Output Power Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8325ARUZ-REEL データシート(HTML) 5 Page - Analog Devices

  AD8325ARUZ-REEL Datasheet HTML 1Page - Analog Devices AD8325ARUZ-REEL Datasheet HTML 2Page - Analog Devices AD8325ARUZ-REEL Datasheet HTML 3Page - Analog Devices AD8325ARUZ-REEL Datasheet HTML 4Page - Analog Devices AD8325ARUZ-REEL Datasheet HTML 5Page - Analog Devices AD8325ARUZ-REEL Datasheet HTML 6Page - Analog Devices AD8325ARUZ-REEL Datasheet HTML 7Page - Analog Devices AD8325ARUZ-REEL Datasheet HTML 8Page - Analog Devices AD8325ARUZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Typical Performance Characteristics–AD8325
34
31
VCC
TOKO 617DB–A0070
OUT–
OUT+
VIN+
VIN–
GND
0.1
�F
165
VIN
75
RL
1:1
0.1
�F
AD8325
28
25
22
19
CL= 20pF
CL= 10pF
CL= 0pF
VOUT = 61dBmV
@ MAX GAIN
OUT–
OUT+
GND
V
IN
+
V
IN
V
IN
165
75
CL
RL
TOKO617DB–A0070
1:1
V
CC
CL= 50pF
0.1
�F
0.1
�F
1
10
100
FREQUENCY – MHz
TPC 1. Basic Test Circuit
TPC 4. AC Response for Various Cap Loads
–30
0.5
f = 10MHz
f = 5MHz
f = 42MHz
f = 65MHz
f =
TXE
10MHz
N = 1
–34
–38
–42
–46
0
–0.5
–1.0
–1.5
0
10
20
30
40
50
60
70
GAIN CONTROL – Decimal
–50
80
0
8
16
24
32
40
48
56
64
72
80
GAIN CONTROL – Decimal
–2.0
TPC 2. Gain Error vs. Gain Control
TPC 5. Output Referred Noise vs. Gain Control
00D
23D
46D
79D
0
40
TXEN = 0
VIN = 31dBmV
MAX GAIN
MIN GAIN
30
–20
20
10
–40
0
–10
–60
–20
–30
–80
–40
–50
–100
0.1
1
10
100
1000
0.1
1
10
100
1000
FREQUENCY – MHz
FREQUENCY – MHz
TPC 3. AC Response
TPC 6. Isolation in Transmit Disable Mode vs. Frequency
REV. A
–5–


同様の部品番号 - AD8325ARUZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8325ARU AD-AD8325ARU Datasheet
304Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8325ARU-REEL AD-AD8325ARU-REEL Datasheet
304Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. 0
More results

同様の説明 - AD8325ARUZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8323 AD-AD8323 Datasheet
277Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8325 AD-AD8325 Datasheet
304Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8323 AD-AD8323_15 Datasheet
715Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8322 AD-AD8322 Datasheet
243Kb / 16P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8322 AD-AD8322_15 Datasheet
687Kb / 16P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8327 AD-AD8327 Datasheet
307Kb / 20P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8327 AD-AD8327_15 Datasheet
885Kb / 20P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8326 AD-AD8326 Datasheet
475Kb / 24P
   High Output Power Programmable CATV Line Driver
REV. 0
AD8326 AD-AD8326_15 Datasheet
1Mb / 24P
   High Output Power Programmable CATV Line Driver
REV. 0
AD8321ARZ AD-AD8321ARZ Datasheet
593Kb / 20P
   Gain Programmable CATV Line DRiver
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com