データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8337-EVAL-INV データシート(PDF) 8 Page - Analog Devices

部品番号 AD8337-EVAL-INV
部品情報  General-Purpose, Low Cost, DC-Coupled VGA
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8337-EVAL-INV データシート(HTML) 8 Page - Analog Devices

Back Button AD8337-EVAL-INV Datasheet HTML 4Page - Analog Devices AD8337-EVAL-INV Datasheet HTML 5Page - Analog Devices AD8337-EVAL-INV Datasheet HTML 6Page - Analog Devices AD8337-EVAL-INV Datasheet HTML 7Page - Analog Devices AD8337-EVAL-INV Datasheet HTML 8Page - Analog Devices AD8337-EVAL-INV Datasheet HTML 9Page - Analog Devices AD8337-EVAL-INV Datasheet HTML 10Page - Analog Devices AD8337-EVAL-INV Datasheet HTML 11Page - Analog Devices AD8337-EVAL-INV Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8337
Rev. B | Page 8 of 24
30
–5
100k
500M
FREQUENCY (Hz)
1M
10M
100M
25
20
15
10
5
0
VGAIN = –0.7
VGAIN = –0.5
VGAIN = –0.2
VGAIN = 0
VGAIN = +0.2
VGAIN = +0.5
VGAIN = +0.7
Figure 9. Frequency Response for Various Values of VGAIN
See Figure 45
20
–15
100k
500M
FREQUENCY (Hz)
1M
10M
100M
15
10
5
0
–5
–10
VGAIN = –0.7
VGAIN = –0.5
VGAIN = –0.2
VGAIN = 0
VGAIN = +0.2
VGAIN = +0.5
VGAIN = +0.7
Figure 10. Frequency Response for Various Values of VGAIN—Inverting Input
See Figure 58
30
–5
100k
500M
FREQUENCY (Hz)
1M
10M
100M
25
20
15
10
5
0
VGAIN = 0V
CL = 47pF
CL = 22pF
CL = 10pF
CL = 0pF
Figure 11. Frequency Response for Three Values of CL
See Figure 45
30
–5
100k
500M
FREQUENCY (Hz)
1M
10M
100M
25
20
15
10
5
0
VGAIN = 0V
CL = 47pF
CL = 22pF
CL = 10pF
CL = 0pF
Figure 12. Frequency Response for Three Values of CL
with a 20 Ω Snubbing Resistor
See Figure 45
10
0
100k
500M
FREQUENCY (Hz)
1M
10M
100M
8
6
4
2
VS = ±2.5V
VS = ±5V
Figure 13. Frequency Response—Preamp
See Figure 46
25
–10
1M
100M
FREQUENCY (Hz)
10M
–5
0
5
10
15
20
Figure 14. Group Delay vs. Frequency
See Figure 47


同様の部品番号 - AD8337-EVAL-INV

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8337-EVALZ AD-AD8337-EVALZ Datasheet
954Kb / 28P
   General-Purpose, Low Cost, DC-Coupled VGA
AD8337-EVALZ-INV AD-AD8337-EVALZ-INV Datasheet
954Kb / 28P
   General-Purpose, Low Cost, DC-Coupled VGA
AD8337-EVALZ-SS AD-AD8337-EVALZ-SS Datasheet
954Kb / 28P
   General-Purpose, Low Cost, DC-Coupled VGA
More results

同様の説明 - AD8337-EVAL-INV

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8337 AD-AD8337_15 Datasheet
1Mb / 32P
   General-Purpose, Low Cost, DC-Coupled VGA
REV. C
AD8337 AD-AD8337 Datasheet
773Kb / 28P
   General-Purpose, Low Cost, DC-Coupled VGA
REV. A
AD8337 AD-AD8337_16 Datasheet
954Kb / 28P
   General-Purpose, Low Cost, DC-Coupled VGA
AD8336 AD-AD8336_17 Datasheet
782Kb / 27P
   General-Purpose Wide Bandwidth, DC-Coupled VGA
AD8336 AD-AD8336 Datasheet
1Mb / 28P
   General-Purpose, ??5 to 125, Wide Bandwidth, DC-Coupled VGA
REV. 0
logo
List of Unclassifed Man...
TVGA9000 ETC1-TVGA9000 Datasheet
836Kb / 12P
   LOW COST VGA CONTROLLER
TVGA9000C ETC1-TVGA9000C Datasheet
1Mb / 22P
   LOW COST VGA CONTROLLER
logo
AVAGO TECHNOLOGIES LIMI...
AT-41586 AVAGO-AT-41586 Datasheet
152Kb / 5P
   Low Cost General Purpose Transistors
logo
Agilent(Hewlett-Packard...
AT-41586 HP-AT-41586 Datasheet
76Kb / 5P
   Low Cost General Purpose Transistors
AT41586 HP-AT41586 Datasheet
61Kb / 6P
   Low Cost General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com