データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NCP1410 データシート(PDF) 12 Page - ON Semiconductor

部品番号 NCP1410
部品情報  250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1410 データシート(HTML) 12 Page - ON Semiconductor

Back Button NCP1410_05 Datasheet HTML 6Page - ON Semiconductor NCP1410_05 Datasheet HTML 7Page - ON Semiconductor NCP1410_05 Datasheet HTML 8Page - ON Semiconductor NCP1410_05 Datasheet HTML 9Page - ON Semiconductor NCP1410_05 Datasheet HTML 10Page - ON Semiconductor NCP1410_05 Datasheet HTML 11Page - ON Semiconductor NCP1410_05 Datasheet HTML 12Page - ON Semiconductor NCP1410_05 Datasheet HTML 13Page - ON Semiconductor NCP1410_05 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
NCP1410
http://onsemi.com
12
GENERAL DESIGN PROCEDURES
Switching mode converter design is considered as black
magic to most engineers, some complicate empirical
formulae are available for reference usage. Those formulae
are derived form the assumption that the key components,
i.e. power inductor and capacitors are available with no
tolerance. Practically, its not true, the result is not a matter
of how accurate the equations you are using to calculate the
component values, the outcome is still somehow away from
the optimum point. In below a simple method base on the
most basic first order equations to estimate the inductor and
capacitor values for NCP1410 operate in Continuous
Conduction Mode is introduced. The component value set
can be used as a starting point to fine tune the circuit
operation. By all means, detail bench testing is needed to get
the best performance out of the circuit.
Design Parameters:
VIN = 1.8 V to 3.0 V, Typical 2.4 V
VOUT = 3.3 V
IOUT = 200 mA (250 mA max)
VLB = 2.0 V
VOUT−RIPPLE = 40 mVP−P at IOUT = 250 mA
Calculate the feedback network:
Select RFB2 = 200 K
RFB1
+ RFB2
VOUT
VREF
* 1
RFB1 + 200 K
3.3 V
1.19 V
* 1 + 355 K
Calculate the Low Battery Detect divider:
VLB = 2.0 V
Select RLB2 = 330 K
RLB1 + RLB2
VLB
VREF
* 1
RLB1 + 330 K
2.0 V
1.19 V
* 1 + 225 K
Determine the Steady State Duty Ratio, D for typical VIN,
operation will be optimized around this point:
VOUT
VIN
+
1
1
* D
D
+ 1 *
VIN
VOUT
+ 1 * 2.4 V
3.3 V
+ 0.273
Determine the average inductor current, ILAVG at
maximum IOUT:
ILAVG +
IOUT
1
* D +
250 mA
1
* 0.273 +
344 mA
Determine the peak inductor ripple current, IRIPPLE−P and
calculate the inductor value:
Assume IRIPPLE−P is 20% of ILAVG, the inductance of the
power inductor can be calculated as in below:
IRIPPLE−P = 0.20 x 344 mA = 68.8 mA
L
+
VIN
tON
2IRIPPLE * P
+
2.4 V
1.4
mS
2(68.8 mA)
+ 24.4 mH
Standard value of 22
mH is selected for initial trial.
Determine the output voltage ripple, VOUT−RIPPLE and
calculate the output capacitor value:
VOUT−RIPPLE = 40 mVP−P at IOUT = 250 mA
COUT u
IOUT
tON
VOUT−RIPPLE * IOUT
ESRCOUT
where tON = 1.4
mS and ESRCOUT = 0.1 W,
COUT u
250 mA
1.4
mS
40 mV
* 250 mA
0.1
W +
23.33
mF
From above calculation, you need at least 23.33
mF in
order to achieve the specified ripple level at conditions
stated. Practically, a one level larger capacitor will be used
to accommodate factors not take into account in the
calculation, therefore a capacitor value of 33
mF is selected.


同様の部品番号 - NCP1410_05

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCP1410DMR2 ONSEMI-NCP1410DMR2 Datasheet
126Kb / 16P
   250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector
December, 2001 ??Rev. 2
More results

同様の説明 - NCP1410_05

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCP1410 ONSEMI-NCP1410 Datasheet
126Kb / 16P
   250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector
December, 2001 ??Rev. 2
NCP1411 ONSEMI-NCP1411 Datasheet
133Kb / 14P
   Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector and Ring-Killer
October, 2004 ??Rev. 3
NCP1423 ONSEMI-NCP1423_14 Datasheet
184Kb / 14P
   Sync-Rect PFM Step-Up DC-DC Converter
October, 2014 ??Rev. 8
NCP1404 ONSEMI-NCP1404 Datasheet
49Kb / 8P
   350 mA PWM/PFM Step-Up DC-DC Converter with Low Battery Detector
June, 2002 ??Rev. 0
NCP1421 ONSEMI-NCP1421 Datasheet
116Kb / 14P
   600 mA Sync-Rect PFM Step-Up DC-DC Converter Step-Up DC-DC Converter with True-Cutoff and Ring-Killer
October, 2004 ??Rev. 6
logo
Holtek Semiconductor In...
HT7627 HOLTEK-HT7627 Datasheet
77Kb / 6P
   PFM Step-up DC/DC Converter & Voltage Detector
logo
ON Semiconductor
NCP1423 ONSEMI-NCP1423_V01 Datasheet
308Kb / 16P
   Boost Converter Sync-Rect, PFM, DC-DC, True-Cutoff, Ring-Killer 400 mA
August, 2019 - Rev. 8
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com