データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP177GS-REEL7 データシート(PDF) 6 Page - Analog Devices

部品番号 OP177GS-REEL7
部品情報  Ultraprecision Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

OP177GS-REEL7 データシート(HTML) 6 Page - Analog Devices

Back Button OP177GS-REEL7 Datasheet HTML 2Page - Analog Devices OP177GS-REEL7 Datasheet HTML 3Page - Analog Devices OP177GS-REEL7 Datasheet HTML 4Page - Analog Devices OP177GS-REEL7 Datasheet HTML 5Page - Analog Devices OP177GS-REEL7 Datasheet HTML 6Page - Analog Devices OP177GS-REEL7 Datasheet HTML 7Page - Analog Devices OP177GS-REEL7 Datasheet HTML 8Page - Analog Devices OP177GS-REEL7 Datasheet HTML 9Page - Analog Devices OP177GS-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
OP177
Rev. E | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
2
1
0
–1
–2
–10
–5
0
5
10
OUTPUT VOLTAGE (V)
TA = 25°C
VS = ±15V
RL = 10kΩ
Figure 6. Gain Linearity (Input Voltage vs. Output Voltage)
TA = 25°C
100
10
1
010
20
30
40
TOTAL SUPPLY VOLTAGE, V+ TO V– (V)
Figure 7. Power Consumption vs. Power Supply
LOT A
LOT B
LOT C
LOT D
5
4
3
2
1
0
–1
–2
–3
–4
–5
0
20
40
60
80
100
120
140
160
180
TIME (Seconds)
Figure 8. Warm-Up VOS Drift (Normalized) Z Package
VS = ±15V
DEVICE IMMERSED IN
70° OIL BATH (20 UNITS)
20
25
30
35
40
45
50
0
102030
40
5060
70
TIME (Seconds)
Figure 9. Offset Voltage Change Due to Thermal Shock
VS = ±15V
25
20
15
10
5
0
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
Figure 10. Open-Loop Gain vs. Temperature
16
12
8
4
0
0±5
±10
±15
POWER SUPPLY VOLTAGE (V)
±20
TA = 25°C
RL = 2kΩ
Figure 11. Open-Loop Gain vs. Power Supply Voltage


同様の部品番号 - OP177GS-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
OP177GS AD-OP177GS Datasheet
788Kb / 12P
   Ultraprecision Operational Amplifier
REV. B
More results

同様の説明 - OP177GS-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
OP177 AD-OP177 Datasheet
788Kb / 12P
   Ultraprecision Operational Amplifier
REV. B
OP177 AD-OP177_15 Datasheet
332Kb / 16P
   Ultraprecision Operational Amplifier
ADR423 AD-ADR423_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com