データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

NCV4269 データシート(PDF) 1 Page - ON Semiconductor

部品番号. NCV4269
部品情報  5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
ダウンロード  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo 

NCV4269 Datasheet(HTML) 1 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2007
February, 2007 − Rev. 10
1
Publication Order Number:
NCV4269/D
NCV4269
5.0 V Micropower 150 mA
LDO Linear Regulator with
DELAY, Adjustable RESET,
and Sense Output
The NCV4269 is a 5.0 V precision micropower voltage regulator
with an output current capability of 150 mA.
The output voltage is accurate within
±2.0% with a maximum
dropout voltage of 0.5 V at 100 mA. Low quiescent current is a feature
drawing only 240
mA with a 1.0 mA load. This part is ideal for any and
all battery operated microprocessor equipment.
Microprocessor control logic includes an active reset output RO
with delay and a SI/SO monitor which can be used to provide an early
warning signal to the microprocessor of a potential impending reset
signal. The use of the SI/SO monitor allows the microprocessor to
finish any signal processing before the reset shuts the microprocessor
down.
The active Reset circuit operates correctly at an output voltage as
low as 1.0 V. The Reset function is activated during the power up
sequence or during normal operation if the output voltage drops
outside the regulation limits.
The reset threshold voltage can be decreased by the connection of an
external resistor divider to the RADJ lead. The regulator is protected
against reverse battery, short circuit, and thermal overload conditions.
The device can withstand load dump transients making it suitable for
use in automotive environments. The device has also been optimized
for EMC conditions.
Features
5.0 V ± 2.0% Output
Low 240 mA Quiescent Current
Active Reset Output Low Down to VQ = 1.0 V
Adjustable Reset Threshold
150 mA Output Current Capability
Fault Protection
+60 V Peak Transient Voltage
−40 V Reverse Voltage
Short Circuit
Thermal Overload
Early Warning through SI/SO Leads
Internally Fused Leads in SO−14 and SO−20L Packages
Integrated Pullup Resistor at Logic Outputs (To Use External
Resistors, Select the NCV4279)
Very Low Dropout Voltage
Electrical Parameters Guaranteed Over Entire Temperature Range
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
Pb−Free Packages are Available
http://onsemi.com
SO−20L
DW SUFFIX
CASE 751D
1
20
SO−14
D SUFFIX
CASE 751A
1
14
MARKING
DIAGRAMS
1
NCV4269
AWLYWWG
14
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G,
G
= Pb Free
SO−8
D SUFFIX
CASE 751
ORDERING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
20
1
NCV4269
AWLYYWWG
1
8
4269
ALYW
G
1
8
1
8
V4269
ALYW
G
1
8
SO−8
EXPOSED PAD
D SUFFIX
CASE 751AC


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
NCV85125.0 V Micropower 150 mA LDO Linear Regulator with DELAY Adjustable RESET and Monitor FLAG 1 2 3 4 5 MoreON Semiconductor
CS8101Micropower 5.0 V 100 mA Low Dropout Linear Regulator with RESET and ENABLE 1 2 3 4 5 MoreON Semiconductor
CS51121.4 A Switching Regulator with 5.0 V 100 mA Linear Regulator with Watchdog RESET and ENABLE 1 2 3 4 5 MoreON Semiconductor
CS81205.0 V 300 mA Linear Regulator with RESET and ENABLE 1 2 3 4 5 MoreON Semiconductor
CS20011.2 A Switching Regulator and 5.0 V 100 mA Linear Regulator with RESET 1 2 3 4 5 MoreON Semiconductor
CS5253B-13.0 A LDO 5-Pin Adjustable Linear Regulator with Remote Sense Applications 1 2 3 4 5 MoreON Semiconductor
FAN4855500mA High Efficiency Boost Regulator with Adjustable Output Shutdown and Low Battery Detect 1 2 3 4 5 MoreFairchild Semiconductor
CS8363_053.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET 1 2 3 4 5 MoreON Semiconductor
CS81222.0% 5.0 V 750 mA Low Dropout Linear Regulator with Delayed RESET 1 2 3 4 5 MoreON Semiconductor

リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn