データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

NCV4269 データシート(PDF) 2 Page - ON Semiconductor

部品番号. NCV4269
部品情報  5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
ダウンロード  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo 

NCV4269 Datasheet(HTML) 2 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NCV4269
http://onsemi.com
2
I
RO
Q
SO
RADJ
D
Figure 1. Block Diagram
GND
SI
Reference
or
RRO
RSO
Error
Amplifier
Reference
and Trim
Current and
Saturation
Control
+
PIN CONNECTIONS
SO
RO
Q
GND
GND
GND
GND
GND
114
GND
GND
I
D
SI
RADJ
1
20
NC
NC
GND
GND
GND
GND
GND
GND
GND
GND
NC
NC
I
D
SI
RADJ
Q
NC
SO
RO
SO−20L
SO−14
GND
D
18
RO
RADJ
SO
SI
Q
I
SO−8
PACKAGE PIN DESCRIPTION
Package Pin Number
Pin Symbol
Function
SO−8
SO−14
SO−20L
3
1
1
RADJ
Reset Threshold Adjust; if not used to connect to GND.
4
2
2
D
Reset Delay; To Set Time Delay, Connect to GND with Capacitor
5
3, 4, 5, 6,
10, 11, 12
4, 5, 6, 7, 14,
15, 16, 17
GND
Ground
3, 8, 9, 13, 18
NC
No connection to these pins from the IC.
6
7
10
RO
Reset Output; The Open−Collector Output has a 20 k
W Pullup Resistor to
Q. Leave Open if Not Used.
7
8
11
SO
Sense Output; This Open−Collector Output is Internally Pulled Up by
20 k
W pullup resistor to Q. If not used, keep open.
8
9
12
Q
5 V Output; Connect to GND with a 10
mF Capacitor, ESR < 10 W.
1
13
19
I
Input; Connect to GND Directly at the IC with a Ceramic Capacitor.
2
14
20
SI
Sense Input; If not used, Connect to Q.


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
NCV85125.0 V Micropower 150 mA LDO Linear Regulator with DELAY Adjustable RESET and Monitor FLAG 1 2 3 4 5 MoreON Semiconductor
CS8101Micropower 5.0 V 100 mA Low Dropout Linear Regulator with RESET and ENABLE 1 2 3 4 5 MoreON Semiconductor
CS51121.4 A Switching Regulator with 5.0 V 100 mA Linear Regulator with Watchdog RESET and ENABLE 1 2 3 4 5 MoreON Semiconductor
CS81205.0 V 300 mA Linear Regulator with RESET and ENABLE 1 2 3 4 5 MoreON Semiconductor
CS20011.2 A Switching Regulator and 5.0 V 100 mA Linear Regulator with RESET 1 2 3 4 5 MoreON Semiconductor
CS5253B-13.0 A LDO 5-Pin Adjustable Linear Regulator with Remote Sense Applications 1 2 3 4 5 MoreON Semiconductor
FAN4855500mA High Efficiency Boost Regulator with Adjustable Output Shutdown and Low Battery Detect 1 2 3 4 5 MoreFairchild Semiconductor
CS8363_053.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET 1 2 3 4 5 MoreON Semiconductor
CS81222.0% 5.0 V 750 mA Low Dropout Linear Regulator with Delayed RESET 1 2 3 4 5 MoreON Semiconductor

リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn