データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

NCV4269 データシート(PDF) 3 Page - ON Semiconductor

部品番号. NCV4269
部品情報  5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
ダウンロード  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo 

NCV4269 Datasheet(HTML) 3 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NCV4269
http://onsemi.com
3
MAXIMUM RATINGS (TJ = −40°C to 150°C)
Parameter
Symbol
Min
Max
Unit
Input to Regulator
VI
II
−40
Internally Limited
45
Internally Limited
V
Input Transient to Regulator
VI
60
V
Sense Input
VSI
ISI
−40
−1
45
1
V
mA
Reset Threshold Adjust
VRADJ
IRADJ
−0.3
−10
7
10
V
mA
Reset Delay
VD
ID
−0.3
Internally Limited
7
Internally Limited
V
Ground
Iq
50
mA
Reset Output
VRO
IRO
−0.3
Internally Limited
7
Internally Limited
V
Sense Output
VSO
ISO
−0.3
Internally Limited
7
Internally Limited
V
Regulated Output
VQ
IQ
−0.5
−10
7.0
V
mA
Junction Temperature
Storage Temperature
TJ
TSTG
−50
150
150
°C
°C
Input Voltage Operating Range
Junction Temperature Operating Range
VI
TJ
−40
45
150
V
°C
Lead Temperature Soldering and MSL
Parameter
Symbol
Value
MSL, 20−Lead LS Temperature 265
°C Peak (Note 3)
MSL
3
MSL, 20−Lead, LS Temperature 240
°C Peak (Note 4)
MSL
1
MSL, 8−Lead, 14−Lead, LS Temperature 265
°C Peak (Note 3)
MSL
1
MSL, 8−Lead EP, LS Temperature 260
°C
MSL
2
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device series incorporates ESD protection and exceeds the following ratings:
Human Body Model (HBM)
≤ 2.0 kV per JEDEC standard: JESD22–A114.
Machine Model (MM)
≤ 200 V per JEDEC standard: JESD22–A115.
2. Latchup Current Maximum Rating:
≤ 150 mA per JEDEC standard: JESD78.
3. +5
°C/−0°C, 40 Sec Max−at−Peak, 60 − 150 Sec above 217°C.
4. +5
°C/−0°C, 30 Sec Max−at−Peak, 60 − 150 Sec above 183°C.
THERMAL CHARACTERISTICS
Characteristic
Test Conditions (Typical Values)
Unit
SO−8 Package (Note 5)
Junction−to−Pin 4 (
Y − JL4, YL4)
53.8
°C/W
Junction−to−Ambient Thermal Resistance (RqJA, qJA)
170.9
°C/W
SO−8 EP Package (Note 5)
Junction−to−Pin 8 (
Y − JL8, YL8)
23.7
°C/W
Junction−to−Ambient Thermal Resistance (RqJA, qJA)
71.4
°C/W
Junction−to−Pad (
Y − JPad)
7.7
°C/W
SO−14 Package (Note 5)
Junction−to−Pin 4 (
Y − JL4, YL4)
18.4
°C/W
Junction−to−Ambient Thermal Resistance (RqJA, qJA)
111.6
°C/W
SO−20 Package (Note 5)
Junction−to−Pin 4 (
Y − JL4, YL4)
21.8
°C/W
Junction−to−Ambient Thermal Resistance (RqJA, qJA)
95.3
°C/W
5. 2 oz copper, 50 mm2 copper area, 1.5 mm thick FR4


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
NCV85125.0 V Micropower 150 mA LDO Linear Regulator with DELAY Adjustable RESET and Monitor FLAG 1 2 3 4 5 MoreON Semiconductor
CS8101Micropower 5.0 V 100 mA Low Dropout Linear Regulator with RESET and ENABLE 1 2 3 4 5 MoreON Semiconductor
CS51121.4 A Switching Regulator with 5.0 V 100 mA Linear Regulator with Watchdog RESET and ENABLE 1 2 3 4 5 MoreON Semiconductor
CS81205.0 V 300 mA Linear Regulator with RESET and ENABLE 1 2 3 4 5 MoreON Semiconductor
CS20011.2 A Switching Regulator and 5.0 V 100 mA Linear Regulator with RESET 1 2 3 4 5 MoreON Semiconductor
CS5253B-13.0 A LDO 5-Pin Adjustable Linear Regulator with Remote Sense Applications 1 2 3 4 5 MoreON Semiconductor
FAN4855500mA High Efficiency Boost Regulator with Adjustable Output Shutdown and Low Battery Detect 1 2 3 4 5 MoreFairchild Semiconductor
CS8363_053.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET 1 2 3 4 5 MoreON Semiconductor
CS81222.0% 5.0 V 750 mA Low Dropout Linear Regulator with Delayed RESET 1 2 3 4 5 MoreON Semiconductor

リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn