データシートサーチシステム |
|
ATMEGA1280 データシート(PDF) 1 Page - ATMEL Corporation |
|
ATMEGA1280 データシート(HTML) 1 Page - ATMEL Corporation |
1 / 449 page 2549K–AVR–01/07 Features • High Performance, Low Power AVR® 8-Bit Microcontroller • Advanced RISC Architecture – 135 Powerful Instructions – Most Single Clock Cycle Execution – 32 x 8 General Purpose Working Registers – Fully Static Operation – Up to 16 MIPS Throughput at 16 MHz – On-Chip 2-cycle Multiplier • Non-volatile Program and Data Memories – 64K/128K/256K Bytes of In-System Self-Programmable Flash Endurance: 10,000 Write/Erase Cycles – Optional Boot Code Section with Independent Lock Bits In-System Programming by On-chip Boot Program True Read-While-Write Operation – 4K Bytes EEPROM Endurance: 100,000 Write/Erase Cycles – 8K Bytes Internal SRAM – Up to 64K Bytes Optional External Memory Space – Programming Lock for Software Security • JTAG (IEEE std. 1149.1 compliant) Interface – Boundary-scan Capabilities According to the JTAG Standard – Extensive On-chip Debug Support – Programming of Flash, EEPROM, Fuses, and Lock Bits through the JTAG Interface • Peripheral Features – Two 8-bit Timer/Counters with Separate Prescaler and Compare Mode – Four 16-bit Timer/Counter with Separate Prescaler, Compare- and Capture Mode – Real Time Counter with Separate Oscillator – Four 8-bit PWM Channels – Six/Twelve PWM Channels with Programmable Resolution from 2 to 16 Bits (ATmega1281/2561, ATmega640/1280/2560) – Output Compare Modulator – 8/16-channel, 10-bit ADC (ATmega1281/2561, ATmega640/1280/2560) – Two/Four Programmable Serial USART (ATmega1281/2561,ATmega640/1280/2560) – Master/Slave SPI Serial Interface – Byte Oriented 2-wire Serial Interface – Programmable Watchdog Timer with Separate On-chip Oscillator – On-chip Analog Comparator – Interrupt and Wake-up on Pin Change • Special Microcontroller Features – Power-on Reset and Programmable Brown-out Detection – Internal Calibrated Oscillator – External and Internal Interrupt Sources – Six Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, Standby, and Extended Standby • I/O and Packages – 54/86 Programmable I/O Lines (ATmega1281/2561, ATmega640/1280/2560) – 64-pad QFN/MLF, 64-lead TQFP (ATmega1281/2561) – 100-lead TQFP, 100-ball CBGA (ATmega640/1280/2560) – RoHS/Fully Green • Temperature Range: –-40 °C to 85°C Industrial • Ultra-Low Power Consumption – Active Mode: 1 MHz, 1.8V: 510 µA – Power-down Mode: 0.1 µA at 1.8V • Speed Grade (see “Maximum speed vs. VCC” on page 377): – ATmega640V/ATmega1280V/ATmega1281V: 0 - 4 MHz @ 1.8 - 5.5V, 0 - 8 MHz @ 2.7 - 5.5V – ATmega2560V/ATmega2561V: 0 - 2 MHz @ 1.8 - 5.5V, 0 - 8 MHz @ 2.7 - 5.5V – ATmega640/ATmega1280/ATmega1281: 0 - 8 MHz @ 2.7 - 5.5V, 0 - 16 MHz @ 4.5 - 5.5V – ATmega2560/ATmega2561: 0 - 16 MHz @ 4.5 - 5.5V 8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash ATmega640/V ATmega1280/V ATmega1281/V ATmega2560/V ATmega2561/V Preliminary |
同様の部品番号 - ATMEGA1280 |
|
同様の説明 - ATMEGA1280 |