データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATTINY2313-20PU データシート(PDF) 16 Page - ATMEL Corporation

部品番号 ATTINY2313-20PU
部品情報  8-bit Microcontroller with 2K Bytes In-System Programmable Flash
Download  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY2313-20PU データシート(HTML) 16 Page - ATMEL Corporation

Back Button ATTINY2313-20PU Datasheet HTML 12Page - ATMEL Corporation ATTINY2313-20PU Datasheet HTML 13Page - ATMEL Corporation ATTINY2313-20PU Datasheet HTML 14Page - ATMEL Corporation ATTINY2313-20PU Datasheet HTML 15Page - ATMEL Corporation ATTINY2313-20PU Datasheet HTML 16Page - ATMEL Corporation ATTINY2313-20PU Datasheet HTML 17Page - ATMEL Corporation ATTINY2313-20PU Datasheet HTML 18Page - ATMEL Corporation ATTINY2313-20PU Datasheet HTML 19Page - ATMEL Corporation ATTINY2313-20PU Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 231 page
background image
16
ATtiny2313/V
2543I–AVR–04/06
AVR ATtiny2313
Memories
This section describes the different memories in the ATtiny2313. The AVR architecture
has two main memory spaces, the Data Memory and the Program Memory space. In
addition, the ATtiny2313 features an EEPROM Memory for data storage. All three mem-
ory spaces are linear and regular.
In-System
Reprogrammable Flash
Program Memory
The ATtiny2313 contains 2K bytes On-chip In-System Reprogrammable Flash memory
for program storage. Since all AVR instructions are 16 or 32 bits wide, the Flash is orga-
nized as 1K x 16.
The Flash memory has an endurance of at least 10,000 write/erase cycles. The
ATtiny2313 Program Counter (PC) is 10 bits wide, thus addressing the 1K program
memory locations. “Memory Programming” on page 162 contains a detailed description
on Flash data serial downloading using the SPI pins.
Constant tables can be allocated within the entire program memory address space (see
the LPM – Load Program Memory instruction description).
Timing diagrams for instruction fetch and execution are presented in “Instruction Execu-
tion Timing” on page 13.
Figure 8. Program Memory Map
0x0000
0x03FF
Program Memory


同様の部品番号 - ATTINY2313-20PU

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATTINY2313-20PU ATMEL-ATTINY2313-20PU Datasheet
181Kb / 17P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
More results

同様の説明 - ATTINY2313-20PU

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATTINY2313-20 ATMEL-ATTINY2313-20 Datasheet
1Mb / 223P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313_06 Datasheet
181Kb / 17P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
387Kb / 8P
   8-Bit Microcontroller with 2K bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20 Datasheet
638Kb / 18P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20_11 Datasheet
5Mb / 224P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313 Datasheet
2Mb / 211P
   8-bit AVR Microcontroller with 2K Bytes In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
2Mb / 8P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L_1 Datasheet
884Kb / 56P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A Datasheet
545Kb / 20P
   8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L Datasheet
252Kb / 11P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com