データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSC251G2DXXX-L16CB データシート(PDF) 11 Page - ATMEL Corporation

部品番号 TSC251G2DXXX-L16CB
部品情報  8/16-bit Microcontroller with Serial Communication Interfaces
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSC251G2DXXX-L16CB データシート(HTML) 11 Page - ATMEL Corporation

Back Button TSC251G2DXXX-L16CB Datasheet HTML 7Page - ATMEL Corporation TSC251G2DXXX-L16CB Datasheet HTML 8Page - ATMEL Corporation TSC251G2DXXX-L16CB Datasheet HTML 9Page - ATMEL Corporation TSC251G2DXXX-L16CB Datasheet HTML 10Page - ATMEL Corporation TSC251G2DXXX-L16CB Datasheet HTML 11Page - ATMEL Corporation TSC251G2DXXX-L16CB Datasheet HTML 12Page - ATMEL Corporation TSC251G2DXXX-L16CB Datasheet HTML 13Page - ATMEL Corporation TSC251G2DXXX-L16CB Datasheet HTML 14Page - ATMEL Corporation TSC251G2DXXX-L16CB Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 77 page
background image
11
AT/TSC8x251G2D
4135F–8051–11/06
Address Spaces
The TSC80251G2D derivatives implement four different address spaces:
On-chip ROM program/code memory (not present in ROMless devices)
On-chip RAM data memory
Special Function Registers (SFRs)
Configuration array
Program/Code Memory
The TSC83251G2D and TSC87251G2D implement 32 KB of on-chip program/code
memory. Figure 4 shows the split of the internal and external program/code memory
spaces. If EA# is tied to a high level, the 32-Kbyte on-chip program memory is mapped
in the lower part of segment FF: where the C251 core jumps after reset. The rest of the
program/code memory space is mapped to the external memory. If EA# is tied to a low
level, the internal program/code memory is not used and all the accesses are directed to
the external memory.
The TSC83251G2D products provide the internal program/code memory in a masked
ROM memory while the TSC87251G2D products provide it in an EPROM memory. For
the TSC80251G2D products, there is no internal program/code memory and EA# must
be tied to a low level.
Figure 4.
Program/Code Memory Mapping
Note:
Special care should be taken when the Program Counter (PC) increments:
If the program executes exclusively from on-chip code memory (not from external mem-
ory), beware of executing code from the upper eight bytes of the on-chip ROM
(FF:7FF8h-FF:7FFFh). Because of its pipeline capability, the TSC80251G2D derivative
may attempt to prefetch code from external memory (at an address above FF:7FFFh)
and thereby disrupt I/O Ports 0 and 2. Fetching code constants from these 8 bytes does
not affect Ports 0 and 2.
When PC reaches the end of segment FF:, it loops to the reset address FF:0000h (for
On-chip ROM/EPROM
Code Memory
Program/code
Segments
Program/code
External Memory Space
32 KB
EA# = 0
EA# = 1
32 KB
32 KB
Reserved
64 KB
128 KB
FF:FFFFh
FF:8000h
FF:7FFFh
FF:0000h
FE:FFFFh
FE:0000h
FD:FFFFh
01:FFFFh
01:0000h
02:0000h
00:FFFFh
00:0000h


同様の部品番号 - TSC251G2DXXX-L16CB

メーカー部品番号データシート部品情報
logo
TEMIC Semiconductors
TSC251G1DXXX-16CA TEMIC-TSC251G1DXXX-16CA Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC251G1DXXX-16CB TEMIC-TSC251G1DXXX-16CB Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC251G1DXXX-16CED TEMIC-TSC251G1DXXX-16CED Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC251G1DXXX-16IA TEMIC-TSC251G1DXXX-16IA Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC251G1DXXX-16IB TEMIC-TSC251G1DXXX-16IB Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
More results

同様の説明 - TSC251G2DXXX-L16CB

メーカー部品番号データシート部品情報
logo
TEMIC Semiconductors
TSC80251G2D TEMIC-TSC80251G2D Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
logo
TEMIC Semiconductors
TSC87251G1A TEMIC-TSC87251G1A Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
logo
Intel Corporation
8044AH INTEL-8044AH Datasheet
1Mb / 26P
   HIGH PERFORMANCE 8 BIT MICROCONTROLLER WITH ON CHIP SERIAL COMMUNICATION CONTROLLER
80C152JA INTEL-80C152JA Datasheet
262Kb / 17P
   UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
logo
ATMEL Corporation
ATMEGA168PA ATMEL-ATMEGA168PA_14 Datasheet
1Mb / 326P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328P ATMEL-ATMEGA328P_14 Datasheet
1Mb / 344P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328 ATMEL-ATMEGA328_14 Datasheet
1Mb / 39P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
logo
RDC Semiconductor
R8830LV RDC-R8830LV Datasheet
1,001Kb / 97P
   16-Bit Microcontroller with 8-bit external data bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com