データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TIP140 データシート(PDF) 5 Page - ON Semiconductor

部品番号 TIP140
部品情報  Darlington Complementary Silicon Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP140 データシート(HTML) 5 Page - ON Semiconductor

  TIP140 Datasheet HTML 1Page - ON Semiconductor TIP140 Datasheet HTML 2Page - ON Semiconductor TIP140 Datasheet HTML 3Page - ON Semiconductor TIP140 Datasheet HTML 4Page - ON Semiconductor TIP140 Datasheet HTML 5Page - ON Semiconductor TIP140 Datasheet HTML 6Page - ON Semiconductor TIP140 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TIP140, TIP141, TIP142, (NPN); TIP145, TIP146, TIP147, (PNP)
http://onsemi.com
5
ACTIVE−REGION SAFE OPERATING AREA
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 6 is based on TJ(pk) = 150_C; TC is
variable
depending
on
conditions.
At
high
case
temperatures, thermal limitations will reduce the power that
can be handled to values less than the limitations imposed by
second breakdown.
SECONDARY BREAKDOWN LIMIT
BONDING WIRE LIMIT
THERMAL LIMITATION @ TC = 25°C
Figure 6. Active−Region Safe Operating Area
dc
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
2.0
10
10
0.2
5.0
20
1.0
20
TJ = 150°C
50
30
TIP140, 145
3.0
7.0
15
70
100
TIP141, 146
TIP142, 147
15
10
1.0
2.0
5.0
7.0
Figure 7. Unclamped Inductive Load
L, UNCLAMPED INDUCTIVE LOAD (mH)
0.5
1.0
2.0
5.0
10
20
50
100
100 mJ
INPUT
MPS−U52
50
50
RBB1
1.5k
RBB2
= 100
VBB2 = 0
VBB1 = 10 V
TUT
VCE MONITOR
100 mH
VCC = 20 V
IC
MONITOR
RS = 0.1
TEST CIRCUIT
NOTE 1: Input pulse width is increased until ICM = 1.42 A.
NOTE 2: For NPN test circuit reverse polarities.
INPUT
VOLTAGE
COLLECTOR
CURRENT
1.42 A
VCE(sat)
−20 V
COLLECTOR
VOLTAGE
V(BR)CER
w
≈ 7.0 ms (SEE NOTE 1)
5.0 V
0
100 ms
0
VOLTAGE AND CURRENT WAVEFORMS
Figure 8. Inductive Load


同様の部品番号 - TIP140

メーカー部品番号データシート部品情報
logo
Mospec Semiconductor
TIP140 MOSPEC-TIP140 Datasheet
204Kb / 4P
   POWER TRANSISTORS(10A,60-100V,125W)
logo
Comset Semiconductor
TIP140 COMSET-TIP140 Datasheet
74Kb / 3P
   NPN SILICON DARLINGTONS, SILICON POWER TRANSISTORS
logo
Motorola, Inc
TIP140 MOTOROLA-TIP140 Datasheet
234Kb / 6P
   10 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Continental Device Indi...
TIP140 CDIL-TIP140 Datasheet
327Kb / 3P
   SILICON PLANAR DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
TIP140 ONSEMI-TIP140 Datasheet
217Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
More results

同様の説明 - TIP140

メーカー部品番号データシート部品情報
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com