データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC3844DR2 データシート(PDF) 11 Page - ON Semiconductor

部品番号 UC3844DR2
部品情報  High Performance Current Mode Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC3844DR2 データシート(HTML) 11 Page - ON Semiconductor

Back Button UC3844DR2 Datasheet HTML 7Page - ON Semiconductor UC3844DR2 Datasheet HTML 8Page - ON Semiconductor UC3844DR2 Datasheet HTML 9Page - ON Semiconductor UC3844DR2 Datasheet HTML 10Page - ON Semiconductor UC3844DR2 Datasheet HTML 11Page - ON Semiconductor UC3844DR2 Datasheet HTML 12Page - ON Semiconductor UC3844DR2 Datasheet HTML 13Page - ON Semiconductor UC3844DR2 Datasheet HTML 14Page - ON Semiconductor UC3844DR2 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
UC3844, UC3845, UC2844, UC2845
http://onsemi.com
11
The MCR101 SCR must be selected for a holding of less than 0.5 mA at TA(min).
The simple two transistor circuit can be used in place of the SCR as shown. All
resistors are 10 k.
Figure 25. MOSFET Parasitic Oscillations
Figure 26. Bipolar Transistor Drive
Figure 27. Isolated MOSFET Drive
Figure 28. Latched Shutdown
Figure 29. Error Amplifier Compensation
The totem−pole output can furnish negative base current for enhanced
transistor turn−off, with the addition of capacitor C1.
Error Amp compensation circuit for stabilizing any current−mode topology except
for boost and flyback converters operating with continuous inductor current.
Error Amp compensation circuit for stabilizing current−mode boost and flyback
topologies operating with continuous inductor current.
Series gate resistor Rg will damp any high frequency parasitic oscillations
caused by the MOSFET input capacitance and any series wiring inductance
in the gate−source circuit.
Q1
RS
3(5)
5(8)
R
S
Q
Comp/Latch
5.0Vref
Vin
VCC
7(11)
6(10)
+
+
+
+
7(12)
+
Rg
Q1
RS
3(5)
5(8)
Vin
6(1)
C1
IB
+
0
Base
Charge
Removal
Q1
3(5)
5(8)
R
S
Q
Comp/Latch
5.0Vref
Vin
VCC
7(11)
6(10)
+
+
+
+
7(12)
+
Np
R
C
RS
NS
Isolation
Boundary
VGS Waveforms
+
0
+
0
Ipk =
V(pin 1) − 1.4
3 RS
NP
NS
50% DC
25% DC
5(9)
R
R
Bias
OSC
8(14)
4(7)
2(3)
1(1)
2R
R
EA
+
+
1.0mA
2N
3903
2N
3905
MCR
101
5(9)
2(3)
1(1)
2R
R
EA
+
+
1.0mA
CI
Rf
Ri
Rd
From VO
2.5V
5(9)
2(3)
1(1)
2R
R
EA
+
+
1.0mA
Cp
CI
Rf
From VO
Rp
Rd
Ri
2.5V
T
Rf ≥ 8.8 k
T


同様の部品番号 - UC3844DR2

メーカー部品番号データシート部品情報
logo
Motorola, Inc
UC3844D MOTOROLA-UC3844D Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3844D ONSEMI-UC3844D Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
logo
STMicroelectronics
UC3844D STMICROELECTRONICS-UC3844D Datasheet
96Kb / 11P
   CURRENTMODE PWM CONTROLLER
logo
Fairchild Semiconductor
UC3844D FAIRCHILD-UC3844D Datasheet
127Kb / 12P
   SMPS Controller
logo
Texas Instruments
UC3844D TI-UC3844D Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
More results

同様の説明 - UC3844DR2

メーカー部品番号データシート部品情報
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com