データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BK4819 データシート(PDF) 14 Page - Beken Corporation

部品番号 BK4819
部品情報  Analog Two Way Radio IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BEKEN [Beken Corporation]
ホームページ  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK4819 データシート(HTML) 14 Page - Beken Corporation

Back Button BK4819 Datasheet HTML 10Page - Beken Corporation BK4819 Datasheet HTML 11Page - Beken Corporation BK4819 Datasheet HTML 12Page - Beken Corporation BK4819 Datasheet HTML 13Page - Beken Corporation BK4819 Datasheet HTML 14Page - Beken Corporation BK4819 Datasheet HTML 15Page - Beken Corporation BK4819 Datasheet HTML 16Page - Beken Corporation BK4819 Datasheet HTML 17Page - Beken Corporation BK4819 Datasheet HTML 18Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
BK4819
Proprietary and Confidential
Page 14 of 22
Table 8. QFN 4x4 32 Pin Package dimensions
Storage Caution
1.
Calculated shelf life in vacuum sealed bag 12 months at<40℃ and 90% relative
humidity (RH).
2.
Peak package body temperature 260℃.
3.
After vacuum sealed bag is opened ,devices that will be subjected to reflow solder or
other high temperature process must
a) Mounted within 168 hours of factory conditions<40℃/60%.
b) Stored at 10% RH.


同様の説明 - BK4819

メーカー部品番号データシート部品情報
logo
Asahi Kasei Microsystem...
AK2360A AKM-AK2360A Datasheet
152Kb / 10P
   Scrambler IC for two-way radio
AK2360 AKM-AK2360 Datasheet
156Kb / 10P
   Scrambler IC for two-way radio
logo
Microsemi Corporation
UM9401 MICROSEMI-UM9401_05 Datasheet
424Kb / 11P
   COMMERCIAL TWO-WAY RADIO
logo
Laird Tech Smart Techno...
EXL LSTD-EXL Datasheet
199Kb / 1P
   Two-Way Radio Antenna
EXH LSTD-EXH Datasheet
292Kb / 1P
   Two-Way Radio Antenna
EXP LSTD-EXP Datasheet
191Kb / 1P
   Two-Way Radio Antenna
WTS-2450 LSTD-WTS-2450 Datasheet
975Kb / 1P
   External Two-Way Radio Antenna
logo
Asahi Kasei Microsystem...
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
   Two-way Radio Audio Processor
logo
Holtek Semiconductor In...
HT98F069 HOLTEK-HT98F069 Datasheet
7Mb / 136P
   Two Way Radio Flash MCU
logo
Asahi Kasei Microsystem...
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
   Two-way Radio Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com