データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BK4819 データシート(PDF) 18 Page - Beken Corporation

部品番号 BK4819
部品情報  Analog Two Way Radio IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BEKEN [Beken Corporation]
ホームページ  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK4819 データシート(HTML) 18 Page - Beken Corporation

Back Button BK4819 Datasheet HTML 14Page - Beken Corporation BK4819 Datasheet HTML 15Page - Beken Corporation BK4819 Datasheet HTML 16Page - Beken Corporation BK4819 Datasheet HTML 17Page - Beken Corporation BK4819 Datasheet HTML 18Page - Beken Corporation BK4819 Datasheet HTML 19Page - Beken Corporation BK4819 Datasheet HTML 20Page - Beken Corporation BK4819 Datasheet HTML 21Page - Beken Corporation BK4819 Datasheet HTML 22Page - Beken Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
BK4819
Proprietary and Confidential
Page 18 of 22
7 Solder Reflow Profile
Time
t 25
C to Peak
Ts(min)
Ts(max)
TL
TP
TP(min)
TP(max)
tS
Preheat
tL
tP
Ramp Up
Ramp Down
Critical Zone
tL to tP
Fi
gure 14. Classification Reflow Profile
Profile Feature
Specification
Average Ramp-Up Rate (tsmax to tp)
3°C/second max.
Pre_heat
Temperature Min (Tsmin)
150°C
Temperature Max (Tsmax)
200°C
Time (ts)
60-180 seconds
Time Maintained
above
Temperature (TL)
217°C
Time (tL)
60-150 seconds
Peak/Classification Temperature (Tp)
260°C
Time within 5°C of Actual Peak Temperature (tp)
20-40 seconds
Ramp-Down Rate 6
6°C/second max.
Time 25°C to Peak Temperature 8
8 minutes max.
RoHS Compliant
The product does not contain lead, mercury, cadmium, hexavalent chromium, PBB&PBDE
content in accordance with directive 2002/95/EC(RoHS).
ESD Sensitivity
Integrated circuits are ESD sensitive and can be damaged by static electricity.
Proper ESD techniques should be used when handling these devices.


同様の説明 - BK4819

メーカー部品番号データシート部品情報
logo
Asahi Kasei Microsystem...
AK2360A AKM-AK2360A Datasheet
152Kb / 10P
   Scrambler IC for two-way radio
AK2360 AKM-AK2360 Datasheet
156Kb / 10P
   Scrambler IC for two-way radio
logo
Microsemi Corporation
UM9401 MICROSEMI-UM9401_05 Datasheet
424Kb / 11P
   COMMERCIAL TWO-WAY RADIO
logo
Laird Tech Smart Techno...
EXL LSTD-EXL Datasheet
199Kb / 1P
   Two-Way Radio Antenna
EXH LSTD-EXH Datasheet
292Kb / 1P
   Two-Way Radio Antenna
EXP LSTD-EXP Datasheet
191Kb / 1P
   Two-Way Radio Antenna
WTS-2450 LSTD-WTS-2450 Datasheet
975Kb / 1P
   External Two-Way Radio Antenna
logo
Asahi Kasei Microsystem...
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
   Two-way Radio Audio Processor
logo
Holtek Semiconductor In...
HT98F069 HOLTEK-HT98F069 Datasheet
7Mb / 136P
   Two Way Radio Flash MCU
logo
Asahi Kasei Microsystem...
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
   Two-way Radio Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com