データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AAT1231 データシート(PDF) 3 Page - Advanced Analogic Technologies

部品番号 AAT1231
部品情報  Step-Up DC/DC Converters for White LED Backlight Applications
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANALOGICTECH [Advanced Analogic Technologies]
ホームページ  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1231 データシート(HTML) 3 Page - Advanced Analogic Technologies

  AAT1231 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1231 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1231 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1231 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1231 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1231 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1231 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1231 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1231 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Part Number Descriptions
Absolute Maximum Ratings1
TA = 25°C unless otherwise noted.
Thermal Information
Symbol
Description
Value
Units
θJA
Thermal Resistance
160
°C/W
PD
Maximum Power Dissipation
625
mW
Symbol
Description
Value
Units
PVIN, VIN
Input Voltage
-0.3 to 6.0
V
SW
Switching Node
28
V
LIN, EN/SET,
Maximum Rating
VIN + 0.3
V
SEL, FB
TJ
Operating Temperature Range
-40 to 150
°C
TS
Storage Temperature Range
-65 to 150
°C
TLEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C
SEL Polarity
S2C Feedback
Part Number
HIGH
LOW
Voltage Programming
AAT1231ITP
0.3V
≤ VFB ≤ 0.6V
0.1V
≤ VFB ≤ 0.4V
See Table 2
AAT1231ITP-1
0.6V
≥ VFB ≥ 0.3V
0.4V
≥ VFB ≥ 0.1V
See Table 3
AAT1231/1231-1
Step-Up DC/DC Converters for
White LED Backlight Applications
1231.2007.01.1.2
3
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.


同様の部品番号 - AAT1231

メーカー部品番号データシート部品情報
logo
Advanced Analogic Techn...
AAT1231 ANALOGICTECH-AAT1231 Datasheet
1Mb / 27P
   Step-Up DC/DC Converters for White LED Backlight Applications
AAT1231ITP ANALOGICTECH-AAT1231ITP Datasheet
1Mb / 27P
   Step-Up DC/DC Converters for White LED Backlight Applications
AAT1231ITP-1 ANALOGICTECH-AAT1231ITP-1 Datasheet
1Mb / 27P
   Step-Up DC/DC Converters for White LED Backlight Applications
AAT1231ITP-1-T1 ANALOGICTECH-AAT1231ITP-1-T1 Datasheet
1Mb / 27P
   Step-Up DC/DC Converters for White LED Backlight Applications
AAT1231ITP-T1 ANALOGICTECH-AAT1231ITP-T1 Datasheet
1Mb / 27P
   Step-Up DC/DC Converters for White LED Backlight Applications
More results

同様の説明 - AAT1231

メーカー部品番号データシート部品情報
logo
Advanced Analogic Techn...
AAT1231 ANALOGICTECH-AAT1231_08 Datasheet
1Mb / 27P
   Step-Up DC/DC Converters for White LED Backlight Applications
logo
RICOH electronics devic...
R1218N021A RICOH-R1218N021A Datasheet
960Kb / 21P
   Step-up DC/DC converter for White LED Backlight
logo
Texas Instruments
LM3501 TI1-LM3501_14 Datasheet
1Mb / 26P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
logo
National Semiconductor ...
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3500 TI1-LM3500_14 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
logo
RICOH electronics devic...
R1218X RICOH-R1218X Datasheet
326Kb / 14P
   Step-up DC/DC converter for Whilte LED Backlight
logo
Texas Instruments
LM3500 TI1-LM3500 Datasheet
1Mb / 26P
[Old version datasheet]   LM3500 Synchronous Step-up DC/DC Converter for White LED Applications
logo
SYNC POWER Crop.
SP1937 SYNC-POWER-SP1937_10 Datasheet
391Kb / 12P
   DC-DC Step-Up Converter for White LED
SP1937 SYNC-POWER-SP1937 Datasheet
329Kb / 10P
   DC-DC Step-Up Converter for White LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com