データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI-3018LSA データシート(PDF) 8 Page - Allegro MicroSystems

部品番号 SI-3018LSA
部品情報  LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEGRO [Allegro MicroSystems]
ホームページ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3018LSA データシート(HTML) 8 Page - Allegro MicroSystems

  SI-3018LSA Datasheet HTML 1Page - Allegro MicroSystems SI-3018LSA Datasheet HTML 2Page - Allegro MicroSystems SI-3018LSA Datasheet HTML 3Page - Allegro MicroSystems SI-3018LSA Datasheet HTML 4Page - Allegro MicroSystems SI-3018LSA Datasheet HTML 5Page - Allegro MicroSystems SI-3018LSA Datasheet HTML 6Page - Allegro MicroSystems SI-3018LSA Datasheet HTML 7Page - Allegro MicroSystems SI-3018LSA Datasheet HTML 8Page - Allegro MicroSystems SI-3018LSA Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
SI-3018LSA
LOW-VOLTAGE, HIGH-CURRENT
1.8 V LINEAR REGULATOR
8
TM
Tape and Reel Dimensions in Millimeters
(controlling dimensions)
0.7
8.0
CENTER LINES
OF CAVITY
COVER TAPE
Dwg. MA-015-1
2.5
0.3
USER DIRECTION OF UNREELING
2.0
180
13
± 0.2
60
Dwg. MA-018-1
(MEASURED AT HUB
TAPE SLOT
IN CORE
FOR TAPE
START
ACCESS
HOLE
13.0
± 0.3
(MEASURED AT HUB
15.4
± 1.0


同様の部品番号 - SI-3018LSA

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
SI-3018LSA ALLEGRO-SI-3018LSA Datasheet
171Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
logo
List of Unclassifed Man...
SI-3018LSA ETC1-SI-3018LSA Datasheet
58Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
Sanken electric
SI-3018LSA SANKEN-SI-3018LSA Datasheet
75Kb / 2P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3018LSA SANKEN-SI-3018LSA Datasheet
53Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results

同様の説明 - SI-3018LSA

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
SI3018 ALLEGRO-SI3018 Datasheet
171Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
SI3025 ALLEGRO-SI3025 Datasheet
172Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
SI-3025LSA ALLEGRO-SI-3025LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 2.5 V LINEAR REGULATOR
SI-3033LSA ALLEGRO-SI-3033LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR
SI3033LSA ALLEGRO-SI3033LSA Datasheet
172Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com