データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLA7078M データシート(PDF) 11 Page - Allegro MicroSystems

部品番号 SLA7078M
部品情報  Motor Driver IC Family
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEGRO [Allegro MicroSystems]
ホームページ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SLA7078M データシート(HTML) 11 Page - Allegro MicroSystems

Back Button SLA7078M Datasheet HTML 5Page - Allegro MicroSystems SLA7078M Datasheet HTML 6Page - Allegro MicroSystems SLA7078M Datasheet HTML 7Page - Allegro MicroSystems SLA7078M Datasheet HTML 8Page - Allegro MicroSystems SLA7078M Datasheet HTML 9Page - Allegro MicroSystems SLA7078M Datasheet HTML 10Page - Allegro MicroSystems SLA7078M Datasheet HTML 11Page - Allegro MicroSystems SLA7078M Datasheet HTML 12Page - Allegro MicroSystems SLA7078M Datasheet HTML 13Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
SLA7075M, SLA7076M,
SLA7077M, and SLA7078M
Motor Driver ICs
11
www.allegromicro.com
1.7 ±0.1
4.8 ±0.2
16.4 ±0.2
31 ±0.2
31.3 ±0.2
24.4 ±0.2
φ3.2 ±0.15
1
2
3
410
11
5
6
7
8
9
12
13
14
15
16
17
18
19
20
21
22
23
0.65
+0.2
-0.1
(Tip Measurement)
4-(R1)
0.55
+0.2
-0.1
4.5 ±0.7
R-end
(Includes Mold Flash)
2.45 ±0.2
(Base Measurement)
(Tip Measurement)
Gate Flash
φ3.2 ±0.15 x 3.8
Terminal core material: Cu
Terminal treatment: Ni plating and solder dip
Leadform: 2151
Dimensions in millimeters
Branding:
1st line,
type: SLA707xMR
2nd line-left, lot:
YMDD
Where:
Y is the last digit of the year of manufacture
M is the month (
1 to 9, O, N, D)
DD is the 2-digit date
2nd line-right, subtype: P for Protection Circuitry option; otherwise, blank
Branding
XXXXXXXX
XXXX
X
22 × P1.27 ±0.5 = 27.94 ±0.1
PACKAGE OUTLINE DRAWING, SLA-23 PIN
Leadframe plating Pb-free. Device composition includes
high-temperature solder (Pb >85%), which is exempted
from the RoHS directive.


同様の部品番号 - SLA7078M

メーカー部品番号データシート部品情報
logo
Sanken electric
SLA7078M SANKEN-SLA7078M Datasheet
2Mb / 36P
   Motor Driver ICs
SLA7078MPR SANKEN-SLA7078MPR Datasheet
66Kb / 2P
   2-Phase to 4W 1-2 Phase Excitation Support, Built-in Sequencer
SLA7078MPRT SANKEN-SLA7078MPRT Datasheet
66Kb / 2P
   2-Phase to 4W 1-2 Phase Excitation Support, Built-in Sequencer
SLA7078MR SANKEN-SLA7078MR Datasheet
66Kb / 2P
   2-Phase to 4W 1-2 Phase Excitation Support, Built-in Sequencer
More results

同様の説明 - SLA7078M

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
SLA7070M ALLEGRO-SLA7070M Datasheet
350Kb / 12P
   Motor Driver IC Family
logo
Sanyo Semicon Device
LV8414CS SANYO-LV8414CS Datasheet
455Kb / 10P
   Microstep Driver Motor Driver IC
LV8414CS SANYO-LV8414CS_12 Datasheet
311Kb / 36P
   Microstep Driver Motor Driver IC
logo
Toshiba Semiconductor
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
   DC MOTOR DRIVER IC
TA7774P TOSHIBA-TA7774P Datasheet
333Kb / 11P
   STEPPING MOTOR DRIVER IC
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
logo
Texas Instruments
DRV8814 TI-DRV8814_15 Datasheet
844Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
logo
Toshiba Semiconductor
TB6608FNG TOSHIBA-TB6608FNG Datasheet
748Kb / 30P
   Stepping Motor Driver IC
logo
Micro Analog systems
MAS6012 MAS-MAS6012 Datasheet
93Kb / 9P
   Stepper Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com