データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLA7075MPR データシート(PDF) 3 Page - Allegro MicroSystems

部品番号 SLA7075MPR
部品情報  Motor Driver IC Family
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEGRO [Allegro MicroSystems]
ホームページ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SLA7075MPR データシート(HTML) 3 Page - Allegro MicroSystems

  SLA7075MPR Datasheet HTML 1Page - Allegro MicroSystems SLA7075MPR Datasheet HTML 2Page - Allegro MicroSystems SLA7075MPR Datasheet HTML 3Page - Allegro MicroSystems SLA7075MPR Datasheet HTML 4Page - Allegro MicroSystems SLA7075MPR Datasheet HTML 5Page - Allegro MicroSystems SLA7075MPR Datasheet HTML 6Page - Allegro MicroSystems SLA7075MPR Datasheet HTML 7Page - Allegro MicroSystems SLA7075MPR Datasheet HTML 8Page - Allegro MicroSystems SLA7075MPR Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SLA7075M, SLA7076M,
SLA7077M, and SLA7078M
Motor Driver ICs
3
www.allegromicro.com
FUNCTIONAL BLOCK DIAGRAM AND PIN ASSIGNMENTS
Sequencer
&
Sleep Circuit
Synchro
Control
PWM
Control
OSC
Comp
+
-
DAC
Pre-
Driver
PWM
Control
OSC
DAC
Pre-
Driver
Comp
+
-
MIC
Reg.
SenseB
SenseA
Gnd
Sync
RSInt
RSInt
1234
5
6789
10
11
12
13
14
15
16
17
18
19
20 21 22 23
Protect
Protect
For R products, protection circuits not built-in. FLAG pin is not connected internally.
Pin No.
Symbol
Functions
Pin No.
Symbol
Functions
1
OutA
Output of phase A
13
Ref / Sleep1
Input for control current and Sleep1 setting
2
14
VDD
Power supply to logic
3
OutA
Output of phase A
¯
15
Reset
Reset for internal logic
4
16
F / R
Forward / reverse switch input
5
SenseA
Phase A current sensing
17
Sync
Synchronous PWM control switch input
6Mo
Output from monitor of 2-phase excitation
status
18
Flag*
Output from protection circuits monitor
7M1
Commutation and Sleep2 setting
19
SenseB
Phase B current sensing
8M2
20
OutB
Output of phase B
¯
9M3
21
10
Clock
Step clock input
22
OutB
Output of phase B
11
VBB
Main power supply (for motor)
23
12
GND
Ground
*Flag pin active on PR products only; not internally connected for R products.


同様の部品番号 - SLA7075MPR

メーカー部品番号データシート部品情報
logo
Sanken electric
SLA7075MPR SANKEN-SLA7075MPR Datasheet
66Kb / 2P
   2-Phase to 4W 1-2 Phase Excitation Support, Built-in Sequencer
SLA7075MPRT SANKEN-SLA7075MPRT Datasheet
66Kb / 2P
   2-Phase to 4W 1-2 Phase Excitation Support, Built-in Sequencer
More results

同様の説明 - SLA7075MPR

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
SLA7070M ALLEGRO-SLA7070M Datasheet
350Kb / 12P
   Motor Driver IC Family
logo
Sanyo Semicon Device
LV8414CS SANYO-LV8414CS Datasheet
455Kb / 10P
   Microstep Driver Motor Driver IC
LV8414CS SANYO-LV8414CS_12 Datasheet
311Kb / 36P
   Microstep Driver Motor Driver IC
logo
Toshiba Semiconductor
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
   DC MOTOR DRIVER IC
TA7774P TOSHIBA-TA7774P Datasheet
333Kb / 11P
   STEPPING MOTOR DRIVER IC
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
logo
Texas Instruments
DRV8814 TI-DRV8814_15 Datasheet
844Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
logo
Toshiba Semiconductor
TB6608FNG TOSHIBA-TB6608FNG Datasheet
748Kb / 30P
   Stepping Motor Driver IC
logo
Micro Analog systems
MAS6012 MAS-MAS6012 Datasheet
93Kb / 9P
   Stepper Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com