データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BZX399-C13 データシート(PDF) 2 Page - NXP Semiconductors

部品番号 BZX399-C13
部品情報  Voltage regulator diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX399-C13 データシート(HTML) 2 Page - NXP Semiconductors

  BZX399-C13 Datasheet HTML 1Page - NXP Semiconductors BZX399-C13 Datasheet HTML 2Page - NXP Semiconductors BZX399-C13 Datasheet HTML 3Page - NXP Semiconductors BZX399-C13 Datasheet HTML 4Page - NXP Semiconductors BZX399-C13 Datasheet HTML 5Page - NXP Semiconductors BZX399-C13 Datasheet HTML 6Page - NXP Semiconductors BZX399-C13 Datasheet HTML 7Page - NXP Semiconductors BZX399-C13 Datasheet HTML 8Page - NXP Semiconductors BZX399-C13 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1999 Jun 04
2
Philips Semiconductors
Product specification
Voltage regulator diodes
BZX399 series
FEATURES
• Total power dissipation: max. 300 mW
• Tolerance: ±5%
• Working voltage range: nom. 1.8 to 43 V (E24 range)
• Improved IZ/VZ characteristic at low currents
(IZ =50 µA). This results in a noise free and sharp
breakdown knee.
APPLICATIONS
• General regulation functions, where low noise at low
currents is required
• Low power consumption applications
(e.g. hand-held applications).
DESCRIPTION
Low-power low noise voltage regulator diodes in SOD323
plastic SMD package.
The diodes are available in the normalized E24
±5%
tolerance range. The series consists of 34 types with
nominal working voltages from 1.8 to 43 V.
PINNING
PIN
DESCRIPTION
1
cathode
2
anode
Fig.1 Simplified outline (SOD323) and symbol.
handbook, halfpage
,

12
Top view
MAM387
MARKING
TYPE NUMBER
MARKING
CODE
TYPE NUMBER
MARKING
CODE
TYPE NUMBER
MARKING
CODE
TYPE NUMBER
MARKING
CODE
BZX399-C1V8
B1
BZX399-C4V3
B0
BZX399-C10
BJ
BZX399-C24
BT
BZX399-C2V0
B2
BZX399-C4V7
BA
BZX399-C11
BK
BZX399-C27
BU
BZX399-C2V2
B3
BZX399-C5V1
BB
BZX399-C12
BL
BZX399-C30
BV
BZX399-C2V4
B4
BZX399-C5V6
BC
BZX399-C13
BM
BZX399-C33
BW
BZX399-C2V7
B5
BZX399-C6V2
BD
BZX399-C15
BN
BZX399-C36
BX
BZX399-C3V0
B6
BZX399-C6V8
BE
BZX399-C16
BP
BZX399-C39
BY
BZX399-C3V3
B7
BZX399-C7V5
BF
BZX399-C18
BQ
BZX399-C43
BZ
BZX399-C3V6
B8
BZX399-C8V2
BG
BZX399-C20
BR
BZX399-C3V9
B9
BZX399-C9V1
BH
BZX399-C22
BS


同様の部品番号 - BZX399-C13

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
BZX39 ETC1-BZX39 Datasheet
105Kb / 3P
   SILICON EPITAXIAL PLANAR TYPE
logo
Diotech Company.
BZX39 DIOTECH-BZX39 Datasheet
1Mb / 3P
   1.3W EPITAXIAL ZENER DIODE
More results

同様の説明 - BZX399-C13

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com