データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM4406 データシート(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

部品番号 AM4406
部品情報  2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BCDSEMI [BCD Semiconductor Manufacturing Limited]
ホームページ  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM4406 データシート(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AM4406 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM4406 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM4406 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM4406 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM4406 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM4406 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM4406 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM4406 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AM4406 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
AM4406
Data Sheet
7
Apr. 2007 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics
Figure 4. Supply Current vs. Supply Voltage
Figure 5. Output Voltage vs. Output Current
Figure 6. RD Current vs. RD Supply Voltage
Figure 7. RD Low Voltage vs. RD Current
0
5
10
15
20
25
30
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Supply Voltage (V)
No Load
0
2040
6080
100
10.0
10.4
10.8
11.2
11.6
12.0
Output Current (mA)
V
CC
=12V
04
8
12
0
10
20
30
40
50
RD Supply Voltage (V)
V
CC
=12V
04
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
RD Current (mA)
V
CC
=12V


同様の部品番号 - AM4406

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
AM4406 DIODES-AM4406 Datasheet
401Kb / 12P
   2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
AM4406 DIODES-AM4406 Datasheet
189Kb / 9P
   2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
logo
AiT Semiconductor Inc.
AM4406 AITSEMI-AM4406 Datasheet
554Kb / 9P
   N-CHANNEL ENHANCEMENT MODE MOSFET
REV2.0
logo
Diodes Incorporated
AM4406F DIODES-AM4406F Datasheet
189Kb / 9P
   2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
AM4406FMTR-G1 DIODES-AM4406FMTR-G1 Datasheet
401Kb / 12P
   2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
More results

同様の説明 - AM4406

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
AM4406 DIODES-AM4406 Datasheet
401Kb / 12P
   2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
AM4406 DIODES-AM4406_18 Datasheet
189Kb / 9P
   2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
logo
List of Unclassifed Man...
BA6409F ETC1-BA6409F Datasheet
89Kb / 2P
   2-phase half-wave motor pre-driver
logo
Rohm
BA6901F ROHM-BA6901F Datasheet
127Kb / 10P
   2-Phase half-wave motor pre driver for fan motor
BA6818FS ROHM-BA6818FS Datasheet
237Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6817F ROHM-BA6817F Datasheet
231Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BD6712AF ROHM-BD6712AF Datasheet
229Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6506F ROHM-BA6506F Datasheet
139Kb / 5P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6406F ROHM-BA6406F_1 Datasheet
234Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6901F ROHM-BA6901F_1 Datasheet
252Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com