データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM4406M-E1 データシート(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

部品番号 AM4406M-E1
部品情報  2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BCDSEMI [BCD Semiconductor Manufacturing Limited]
ホームページ  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM4406M-E1 データシート(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AM4406M-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AM4406M-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AM4406M-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM4406M-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM4406M-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM4406M-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM4406M-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM4406M-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM4406M-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
AM4406
Data Sheet
1
Apr. 2007 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
General Description
The AM4406 is a 2-phase, half-wave motor predriver
fabricated for fan motors. This IC is equipped with
lock shutdown, automatic restart and rotation detection
(RD) function. The lock shutdown function turns off
the output current when the motor is under lock condi-
tion. And when the motor is unlocked, the IC will auto-
matically restart and allow DC fan to run. In addition,
the RD function is to detect the motor status.
The AM4406 is available in SOIC-8 package.
Features
·
Hall Inputs with a Hysteresis
·
Lock Shutdown and Automatic Restart
·
Rotation Detection (RD) Output
·
Supply Voltage: 4 to 28V
·
Output Current: 70mA Max.
·
Operating Temperature: -30 to 85oC
Applications
·
High Voltage, High Current Brushless DC Fan
·
Power Supply and Switchboards
·
Communications Facilities
·
Industrial Equipment
Figure 1. Package Type of AM4406
SOIC-8


同様の部品番号 - AM4406M-E1

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
AM4406M-E1 DIODES-AM4406M-E1 Datasheet
401Kb / 12P
   2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
More results

同様の説明 - AM4406M-E1

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
AM4406 DIODES-AM4406 Datasheet
401Kb / 12P
   2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
AM4406 DIODES-AM4406_18 Datasheet
189Kb / 9P
   2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
logo
List of Unclassifed Man...
BA6409F ETC1-BA6409F Datasheet
89Kb / 2P
   2-phase half-wave motor pre-driver
logo
Rohm
BA6901F ROHM-BA6901F Datasheet
127Kb / 10P
   2-Phase half-wave motor pre driver for fan motor
BA6818FS ROHM-BA6818FS Datasheet
237Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6817F ROHM-BA6817F Datasheet
231Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BD6712AF ROHM-BD6712AF Datasheet
229Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6506F ROHM-BA6506F Datasheet
139Kb / 5P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6406F ROHM-BA6406F_1 Datasheet
234Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6901F ROHM-BA6901F_1 Datasheet
252Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com