データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM4406MTR-E1 データシート(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

部品番号 AM4406MTR-E1
部品情報  2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BCDSEMI [BCD Semiconductor Manufacturing Limited]
ホームページ  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM4406MTR-E1 データシート(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AM4406MTR-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AM4406MTR-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AM4406MTR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM4406MTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM4406MTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM4406MTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM4406MTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM4406MTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM4406MTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
AM4406
Data Sheet
5
Apr. 2007 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
30
V
Output Current
IOUT
70
mA
Power Dissipation
PD
550 (Note 2)
mW
Storage Temperature Range
TSTG
-55 to 125
oC
ESD (Human Body Model)
ESD
3000
V
ESD (Machine Model)
ESD
300
V
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Note 2: Reduced by 5.5mW/oC when TA is over 25
oC.
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
4
28
V
Hall Input Voltage (+) (Note 3)
VHS (+)
1.0
VCC-0.5
V
Hall Input Voltage (-) (Note 3)
VHS (-)
1.0
VCC-0.5
V
Operating Temperature
TA
-30
85
oC
Recommended Operating Conditions
Absolute Maximum Ratings (Note 1)
Note 3: Hall input voltage range includes the amplitude of signal.


同様の部品番号 - AM4406MTR-E1

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
AM4406MTR-E1 DIODES-AM4406MTR-E1 Datasheet
401Kb / 12P
   2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
More results

同様の説明 - AM4406MTR-E1

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
AM4406 DIODES-AM4406 Datasheet
401Kb / 12P
   2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
AM4406 DIODES-AM4406_18 Datasheet
189Kb / 9P
   2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
logo
List of Unclassifed Man...
BA6409F ETC1-BA6409F Datasheet
89Kb / 2P
   2-phase half-wave motor pre-driver
logo
Rohm
BA6901F ROHM-BA6901F Datasheet
127Kb / 10P
   2-Phase half-wave motor pre driver for fan motor
BA6818FS ROHM-BA6818FS Datasheet
237Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6817F ROHM-BA6817F Datasheet
231Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BD6712AF ROHM-BD6712AF Datasheet
229Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6506F ROHM-BA6506F Datasheet
139Kb / 5P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6406F ROHM-BA6406F_1 Datasheet
234Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6901F ROHM-BA6901F_1 Datasheet
252Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com