データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN2106 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FAN2106
部品情報  TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2106 データシート(HTML) 1 Page - Fairchild Semiconductor

  FAN2106 Datasheet HTML 1Page - Fairchild Semiconductor FAN2106 Datasheet HTML 2Page - Fairchild Semiconductor FAN2106 Datasheet HTML 3Page - Fairchild Semiconductor FAN2106 Datasheet HTML 4Page - Fairchild Semiconductor FAN2106 Datasheet HTML 5Page - Fairchild Semiconductor FAN2106 Datasheet HTML 6Page - Fairchild Semiconductor FAN2106 Datasheet HTML 7Page - Fairchild Semiconductor FAN2106 Datasheet HTML 8Page - Fairchild Semiconductor FAN2106 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
April 2007
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2106 Rev. 1.0.1
FAN2106 — TinyBuck™
6A, 24V Input Integrated Synchronous Buck Regulator
Features
Over 95% efficiency
Internal power MOSFETs:
High-side RDS(ON) = 30mΩ
Low-side RDS(ON) = 14mΩ
Integrated low-side Schottky diode
Programmable frequency operation
Power-good signal
Wide input range: 3.0V to 24V
Output voltage range: 0.8V to 90%VIN
Input under-voltage lockout (UVLO)
Programmable over-current protection
Under-voltage, over-voltage, and thermal protection
Selectable light-load power-saving mode
5x6mm, 25-pin, 3-pad MLP
Applications
Thin and light Notebook PCs
Graphics cards
Battery-powered equipment
Set-top box
Point-of-load regulation
Description
The FAN2106 TinyBuck
TM is an easy-to-use, cost and
space-efficient, synchronous buck solution. It enables
designers to solve high current requirements in a small
area with minimal external components.
External programming of clock frequency, current limit,
and loop response allows for optimization and flexibility
selecting output filter components and transient response.
The summing current mode modulator uses lossless
current sensing for current feedback and over-current,
and includes voltage feedforward.
Fairchild’s advanced BiCMOS power process, combined
with a thermally efficient MLP package, provides low-
RDS(ON) internal MOSFETs and the ability to dissipate
high power in a small package.
Under-voltage, thermal shutdown, and power-good are
blanked at start-up, but protect the device from damage
during fault conditions.
Ordering Information
Part Number
Operating
Temperature Range Pb-Free
Package
Packing
Method
FAN2106MPX
-10°C to 85°C
Yes
Molded Leadless Package (MLP) 5x6mm
Tape and Reel
FAN2106EMPX
-40°C to 85°C
Yes
Molded Leadless Package (MLP) 5x6mm
Tape and Reel


同様の部品番号 - FAN2106

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
763Kb / 15P
   3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2106EMPX FAIRCHILD-FAN2106EMPX Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2106EMPX FAIRCHILD-FAN2106EMPX Datasheet
763Kb / 15P
   3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2106EMPX FAIRCHILD-FAN2106EMPX_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
More results

同様の説明 - FAN2106

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06 Datasheet
1Mb / 17P
   TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04 Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_09 Datasheet
763Kb / 15P
   3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06_12 Datasheet
1Mb / 17P
   TinyBuck??6 A, 24V Single-Input Integrated Synchronous Buck Regulator with Synchronization Capability
FAN2103 FAIRCHILD-FAN2103 Datasheet
893Kb / 14P
   3A, 24V Input Integrated Synchronous Buck Regulator
logo
Renesas Technology Corp
ZSPM4023-06 RENESAS-ZSPM4023-06 Datasheet
1Mb / 38P
   24V/6A Synchronous DC/DC Buck Regulator
January 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com