データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC08F データシート(PDF) 9 Page - NXP Semiconductors

部品番号 DAC08F
部品情報  8-Bit high-speed multiplying D/A converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

DAC08F データシート(HTML) 9 Page - NXP Semiconductors

Back Button DAC08F Datasheet HTML 4Page - NXP Semiconductors DAC08F Datasheet HTML 5Page - NXP Semiconductors DAC08F Datasheet HTML 6Page - NXP Semiconductors DAC08F Datasheet HTML 7Page - NXP Semiconductors DAC08F Datasheet HTML 8Page - NXP Semiconductors DAC08F Datasheet HTML 9Page - NXP Semiconductors DAC08F Datasheet HTML 10Page - NXP Semiconductors DAC08F Datasheet HTML 11Page - NXP Semiconductors DAC08F Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Philips Semiconductors Linear Products
Product specification
DAC08 Series
8-Bit high-speed multiplying D/A converter
August 31, 1994
724
TYPICAL APPLICATION
NOTES:
REQ = RIN || RP
Typical Values
RIN = 5kΩ
+VIN = 10V
Pulsed Referenced Operation
OPTIONAL RESISTOR
FOR OFFSET
INPUTS
NO CAP
14
15 16
2
4
+VREF
RREF
REQ
=200
RP
RIN
0V
FUNCTIONAL DESCRIPTION
Reference Amplifier Drive and Compensation
The reference amplifier input current must always flow into Pin 14
regardless of the setup method or reference supply voltage polarity.
Connections for a positive reference voltage are shown in Figure 1.
The reference voltage source supplies the full reference current. For
bipolar reference signals, as in the multiplying mode, R15 can be
tied to a negative voltage corresponding to the minimum input level.
R15 may be eliminated with only a small sacrifice in accuracy and
temperature drift.
The compensation capacitor value must be increased as R14 value
is increased. This is in order to maintain proper phase margin. For
R14 values of 1.0, 2.5, and 5.0kΩ, minimum capacitor values are 15,
37, and 75pF, respectively. The capacitor may be tied to either VEE
or ground, but using VEE increases negative supply rejection.
(Fluctuations in the negative supply have more effect on accuracy
than do any changes in the positive supply.)
A negative reference voltage may be used if R14 is grounded and
the reference voltage is applied to R15 as shown. A high input
impedance is the main advantage of this method. The negative
reference voltage must be at least 3.0V above the VEE supply.
Bipolar input signals may be handled by connecting R14 to a positive
reference voltage equal to the peak positive input level at Pin 15.
When using a DC reference voltage, capacitive bypass to ground is
recommended. The 5.0V logic supply is not recommended as a
reference voltage, but if a well regulated 5.0V supply which drives
logic is to be used as the reference, R14 should be formed of two
series resistors with the junction of the two resistors bypassed with
0.1
µF to ground. For reference voltages greater than 5.0V, a clamp
diode is recommended between Pin 14 and ground.
If Pin 14 is driven by a high impedance such as a transistor current
source, none of the above compensation methods applies and the
amplifier must be heavily compensated, decreasing the overall
bandwidth.
Output Voltage Range
The voltage at Pin 4 must always be at least 4.5V more positive than
the voltage of the negative supply (Pin 3) when the reference current
is 2mA or less, and at least 8V more positive than the negative
supply when the reference current is between 2mA and 4mA. This is
necessary to avoid saturation of the output transistors, which would
cause serious accuracy degradation.
Output Current Range
Any time the full-scale current exceeds 2mA, the negative supply
must be at least 8V more negative than the output voltage. This is
due to the increased internal voltage drops between the negative
supply and the outputs with higher reference currents.
Accuracy
Absolute accuracy is the measure of each output current level with
respect to its intended value, and is dependent upon relative
accuracy, full-scale accuracy and full-scale current drift. Relative
accuracy is the measure of each output current level as a fraction of
the full-scale current after zero-scale current has been nulled out.
The relative accuracy of the DAC08 series is essentially constant
over the operating temperature range due to the excellent
temperature tracking of the monolithic resistor ladder. The reference
current may drift with temperature, causing a change in the absolute
accuracy of output current. However, the DAC08 series has a very
low full-scale current drift over the operating temperature range.
The DAC08 series is guaranteed accurate to within
± LSB at +25°C
at a full-scale output current of 1.992mA. The relative accuracy test
circuit is shown in Figure 1. The 12-bit converter is calibrated to a
full-scale output current of 1.99219mA, then the DAC08 full-scale
current is trimmed to the same value with R14 so that a zero value
appears at the error amplifier output. The counter is activated and
the error band may be displayed on the oscilloscope, detected by
comparators, or stored in a peak detector.
Two 8-bit D-to-A converters may not be used to construct a 16-bit
accurate D-to-A converter. 16-bit accuracy implies a total of
± part in
65,536, or
±0.00076%, which is much more accurate than the
±0.19% specification of the DAC08 series.
Monotonicity
A monotonic converter is one which always provides analog output
greater than or equal to the preceding value for a corresponding
increment in the digital input code. The DAC08 series is monotonic
for all values of reference current above 0.5mA. The recommended
range for operation is a DC reference current between 0.5mA and
4.0mA.
Settling Time
The worst-case switching condition occurs when all bits are
switched on, which corresponds to a low-to-high transition for all
input bits. This time is typically 70ns for settling to within LSB for
8-bit accuracy. This time applies when RL<500Ω and CO<25pF. The
slowest single switch is the least significant bit, which typically turns
on and settles in 65ns. In applications where the DAC functions in a
positive-going ramp mode, the worst-case condition does not occur
and settling times less than 70ns may be realized.
Extra care must be taken in board layout since this usually is the
dominant factor in satisfactory test results when measuring settling
time. Short leads, 100
µF supply bypassing for low frequencies,
minimum scope lead length, and avoidance of ground loops are all
mandatory.


同様の部品番号 - DAC08F

メーカー部品番号データシート部品情報
logo
Analog Devices
DAC08 AD-DAC08 Datasheet
260Kb / 12P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. A
DAC08 AD-DAC08 Datasheet
68Kb / 1P
   Analog Devices: Data Converters: DAC 8-Bit, 10 ns to 100 ns Converters Selection Table
2/2003
DAC08 AD-DAC08 Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
logo
National Semiconductor ...
DAC0800 NSC-DAC0800 Datasheet
344Kb / 11P
   8-Bit Digital-to-Analog Converters
DAC0800 NSC-DAC0800 Datasheet
780Kb / 14P
   8-Bit Digital-to-Analog Converters
More results

同様の説明 - DAC08F

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
   8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
logo
Analog Devices
DAC312 AD-DAC312_15 Datasheet
272Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
DAC312HSZ AD-DAC312HSZ Datasheet
240Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com