データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FFP08S60STU データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FFP08S60STU
部品情報  Stealth 2 Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFP08S60STU データシート(HTML) 1 Page - Fairchild Semiconductor

  FFP08S60STU Datasheet HTML 1Page - Fairchild Semiconductor FFP08S60STU Datasheet HTML 2Page - Fairchild Semiconductor FFP08S60STU Datasheet HTML 3Page - Fairchild Semiconductor FFP08S60STU Datasheet HTML 4Page - Fairchild Semiconductor FFP08S60STU Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
tm
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
April 2007
FFP08S60S Rev. A
FFP08S60S
Stealth 2 Rectifier
Features
• High Speed Switching ( Max. trr<30ns @ IF=8A )
• High Reverse Voltage and High Reliability
• Avalanche Energy Rated
Applications
• General Purpose
• Switching Mode Power Supply
• Boost Diode in continuous mode power factor corrections
• Power switching circuits
8A, 600V Stealth2 Rectifier
The FFP08S60S is stealth 2 rectifier with soft recovery charac-
teristics (trr<30ns). They has half the recovery time of hyperfast
rectifier and are silicon nitride passivated ion-implanted epitaxial
planar construction.
This device is intended for use as freewheeling of boost diode
in switching power supplies and other power swithching applica-
tions. Their low stored charge and hyperfast soft recovery mini-
mize ringing and electrical noise in many power switching
circuits reducing power loss in the switching transistors.
Pin Assignments
Absolute Maximum Ratings
Thermal Characteristics
Package Marking and Ordering
1. Cathode
2. Anode
TO-220-2L
1
1. Cathode
2. Anode
2
Symbol
Parameter
Value
Units
VRRM
Peak Repetitive Reverse Voltage
600
V
VRWM
Working Peak Reverse Voltage
600
V
VR
DC Blocking Voltage
600
V
IF(AV)
Average Rectified Forward Current
@ TC = 115 °C8
A
IFSM
Non-repetitive Peak Surge Current
60Hz Single Half-Sine Wave
80
A
TJ, TSTG
Operating Junction and Storage Temperature
- 65 to +150
°C
Symbol
Parameter
Max
Units
RθJC
Maximum Thermal Resistance, Junction to Case
2.5
°C/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
F08S60S
FFP08S60STU
TO-220-2L
-
-
50
TC = 25°C unless otherwise noted
TC = 25°C unless otherwise noted
Information


同様の部品番号 - FFP08S60STU

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FFP08S60STU FAIRCHILD-FFP08S60STU Datasheet
139Kb / 5P
   8A, 600V STEALTHTM II Rectifier
More results

同様の説明 - FFP08S60STU

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FFPF08S60S FAIRCHILD-FFPF08S60S Datasheet
131Kb / 5P
   Stealth 2 Rectifier
FFH30S60S FAIRCHILD-FFH30S60S Datasheet
252Kb / 5P
   Stealth 2 Rectifier
FFH15S60S FAIRCHILD-FFH15S60S Datasheet
259Kb / 5P
   Stealth 2 Rectifier
FFPF60SA60DS FAIRCHILD-FFPF60SA60DS Datasheet
75Kb / 5P
   Stealth Rectifier
FFP30S60S FAIRCHILD-FFP30S60S Datasheet
238Kb / 5P
   STEALTH II Rectifier
ISL9R1560G_F085 FAIRCHILD-ISL9R1560G_F085 Datasheet
550Kb / 6P
   15A, 600V Stealth Rectifier
ISL9R3060G_F085 FAIRCHILD-ISL9R3060G_F085 Datasheet
510Kb / 6P
   30A, 600V Stealth Rectifier
logo
ON Semiconductor
FFD08S60S-F085 ONSEMI-FFD08S60S-F085 Datasheet
410Kb / 5P
   Rectifier – STEALTH II 8 A, 600 V
January, 2021 - Rev. 4
logo
JDS Uniphase Corporatio...
SDA-4040D JDSU-SDA-4040D Datasheet
754Kb / 8P
   Stealth Digital Analyzer
SDA-5000 JDSU-SDA-5000 Datasheet
780Kb / 12P
   Stealth Digital Analyzer
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com