データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FIN212ACGFX データシート(PDF) 11 Page - Fairchild Semiconductor

部品番号 FIN212ACGFX
部品情報  12-Bit Serializer Deserializer with Multiple Frequency Ranges
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN212ACGFX データシート(HTML) 11 Page - Fairchild Semiconductor

Back Button FIN212ACGFX Datasheet HTML 7Page - Fairchild Semiconductor FIN212ACGFX Datasheet HTML 8Page - Fairchild Semiconductor FIN212ACGFX Datasheet HTML 9Page - Fairchild Semiconductor FIN212ACGFX Datasheet HTML 10Page - Fairchild Semiconductor FIN212ACGFX Datasheet HTML 11Page - Fairchild Semiconductor FIN212ACGFX Datasheet HTML 12Page - Fairchild Semiconductor FIN212ACGFX Datasheet HTML 13Page - Fairchild Semiconductor FIN212ACGFX Datasheet HTML 14Page - Fairchild Semiconductor FIN212ACGFX Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN212AC Rev. 1.0.1
11
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VDD
Supply Voltage
-0.5V
+4.6
V
All Input/Output Voltage
-0.5
VDD+0.5
V
CTL Output Short-Circuit Duration
Continuous
TSTG
Storage Temperature Range
-65
+150
°C
TJ
Maximum Junction Temperature
+150
°C
TL
Lead Temperature (Soldering, four seconds)
+260
°C
Human Body Model, 1.5KΩ, 100pF
8
kV
Human Body Model, 1.5KΩ, Serial I/O Pins
14
kV
ESD
Machine Model, 0Ω, 200pF
400
V
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VDDA, VDDS
Supply Voltage
2.5
3.6
V
VDDP
Supply Voltage
1.65
3.6
V
TA
Operating Temperature
-30
+70
ºC
VDDA-PP
Supply Noise Voltage
100
mVp-p


同様の部品番号 - FIN212ACGFX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN212ACGFX FAIRCHILD-FIN212ACGFX Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
More results

同様の説明 - FIN212ACGFX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN212AC FAIRCHILD-FIN212AC_08 Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN12AC FAIRCHILD-FIN12AC_06 Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
logo
Texas Instruments
SN75LVDT1422 TI-SN75LVDT1422 Datasheet
253Kb / 20P
[Old version datasheet]   14-BIT FULL DUPLEX SERIALIZER/DESERIALIZER
logo
Fairchild Semiconductor
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
   24-Bit Low-Power Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
logo
Fairchild Semiconductor
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com