データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4538BCWM データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 CD4538BCWM
部品情報  Dual Precision Monostable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4538BCWM データシート(HTML) 7 Page - Fairchild Semiconductor

Back Button CD4538BCWM Datasheet HTML 3Page - Fairchild Semiconductor CD4538BCWM Datasheet HTML 4Page - Fairchild Semiconductor CD4538BCWM Datasheet HTML 5Page - Fairchild Semiconductor CD4538BCWM Datasheet HTML 6Page - Fairchild Semiconductor CD4538BCWM Datasheet HTML 7Page - Fairchild Semiconductor CD4538BCWM Datasheet HTML 8Page - Fairchild Semiconductor CD4538BCWM Datasheet HTML 9Page - Fairchild Semiconductor CD4538BCWM Datasheet HTML 10Page - Fairchild Semiconductor CD4538BCWM Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
www.fairchildsemi.com
Typical Applications
FIGURE 6. Typical Normalized Distribution of Units
for Output Pulse Width
FIGURE 7. Typical Pulse Width Variation as a
Function of Supply Voltage VDD
FIGURE 8. Typical Total Supply Current Versus
Output Duty Cycle, RX = 100 kΩ, CL = 50 pF,
CX = 100 pF, One Monostable Switching Only
FIGURE 9. Typical Pulse Width Error
Versus Temperature
FIGURE 10. Typical Pulse Width Error
Versus Temperature
FIGURE 11. Typical Pulse Width Versus
Timing RC Product


同様の部品番号 - CD4538BCWM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
CD4538BCWM FAIRCHILD-CD4538BCWM Datasheet
135Kb / 11P
   Dual Precision Monostable
More results

同様の説明 - CD4538BCWM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
CD4538BC FAIRCHILD-CD4538BC Datasheet
135Kb / 11P
   Dual Precision Monostable
logo
National Semiconductor ...
CD4538BC NSC-CD4538BC Datasheet
237Kb / 10P
   Dual Precision Monostable
logo
NXP Semiconductors
HEF4938BT PHILIPS-HEF4938BT Datasheet
182Kb / 17P
   Dual precision monostable multivibrator
Rev. 6-15 November 2011
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_16 Datasheet
168Kb / 14P
   Dual Precision Monostable Multivibrator
August, 2014 ??Rev. 15
logo
NXP Semiconductors
HEF4538B PHILIPS-HEF4538B Datasheet
102Kb / 8P
   Dual precision monostable multivibrator
January 1995
HEF4938B PHILIPS-HEF4938B Datasheet
76Kb / 8P
   Dual precision monostable multivibrator
January 1995
HEF4538B PHILIPS-HEF4538B_15 Datasheet
338Kb / 18P
   Dual precision monostable multivibrator
Rev. 9-10 December 2013
logo
Rohm
BU4538B ROHM-BU4538B Datasheet
88Kb / 5P
   Dual precision monostable multivibrator
logo
NXP Semiconductors
HEF4538B NXP-HEF4538B Datasheet
107Kb / 17P
   Dual precision monostable multivibrator
Rev. 06-2 November 2009
HEC4538 PHILIPS-HEC4538 Datasheet
106Kb / 8P
   Dual precision monostable multivibrator
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com