データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA79L24AZ データシート(PDF) 8 Page - Fairchild Semiconductor

部品番号 KA79L24AZ
部品情報  3-Terminal 0.1A Negative Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA79L24AZ データシート(HTML) 8 Page - Fairchild Semiconductor

Back Button KA79L24AZ Datasheet HTML 4Page - Fairchild Semiconductor KA79L24AZ Datasheet HTML 5Page - Fairchild Semiconductor KA79L24AZ Datasheet HTML 6Page - Fairchild Semiconductor KA79L24AZ Datasheet HTML 7Page - Fairchild Semiconductor KA79L24AZ Datasheet HTML 8Page - Fairchild Semiconductor KA79L24AZ Datasheet HTML 9Page - Fairchild Semiconductor KA79L24AZ Datasheet HTML 10Page - Fairchild Semiconductor KA79L24AZ Datasheet HTML 11Page - Fairchild Semiconductor KA79L24AZ Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
KA79LXXA
8
Typical Application
Design Considerations
The KA79LXXA Series of fixed voltage regulators are designed with Thermal Overload Protection that shuts down the circuit
when subjected to an excessive power overload condition. Internal Short Circuit Protection that limits the maximum current
the circuit will pass. In many low current applications, compensation capacitors are not required. However, it is recommended
that the regulator input be bypassed with a capacitor if the regulator is connected to the power supply filter with long wire
lengths, or if the output load capacitance is large. An input bypass capacitor should be selected to provide good high frequency
characteristics to insure stable operation under all load conditions. A 0.33
µF or larger tantalum, mylar, or other capacitor
having low internal impedance at high frequencies should be chosen. The bypass capacitor should be mounted with the shortest
possible leads directly across the regulator's input terminals. Normally good construction techniques should be used to
minimize ground loops and lead resistance drops since the regulator has no external sense lead. Bypassing the output is also
recommended.
A common ground is required between the input and the output voltages. The input voltage must remain typically 2.0V above
the output voltage even during the low point on the input ripple voltage.
* C1 is required if regulator is located an appreciable distance from power supply filter.
* CO improves stability and transient response.
Figure 1. Positive And Negative Regulator
Figure 2. Typical Application
I


同様の部品番号 - KA79L24AZ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA79L24AZ FAIRCHILD-KA79L24AZ Datasheet
73Kb / 14P
   3-Terminal 0.1A Negative Voltage Regulator
More results

同様の説明 - KA79L24AZ

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
79LXX UTC-79LXX_11 Datasheet
223Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
79LXX UTC-79LXX_15 Datasheet
250Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC79LXXA FAIRCHILD-MC79LXXA Datasheet
80Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Boca Semiconductor Corp...
KA79LXXA BOCA-KA79LXXA Datasheet
75Kb / 12P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_10 Datasheet
224Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
79LXX ETL-79LXX Datasheet
222Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_07 Datasheet
73Kb / 14P
   3-Terminal 0.1A Negative Voltage Regulator
MC79LXXA FAIRCHILD-MC79LXXA_10 Datasheet
104Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM79LXX HTC-LM79LXX Datasheet
235Kb / 10P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_17 Datasheet
205Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com