データシートサーチシステム |
|
BZX79-B47 データシート(PDF) 2 Page - NXP Semiconductors |
|
BZX79-B47 データシート(HTML) 2 Page - NXP Semiconductors |
2 / 12 page 2002 Feb 27 2 Philips Semiconductors Product specification Voltage regulator diodes BZX79 series FEATURES • Total power dissipation: max. 500 mW • Two tolerance series: ±2%, and approx. ±5% • Working voltage range: nom. 2.4 to 75 V (E24 range) • Non-repetitive peak reverse power dissipation: max. 40 W. APPLICATIONS • Low voltage stabilizers or voltage references. DESCRIPTION Low-power voltage regulator diodes in hermetically sealed leaded glass SOD27 (DO-35) packages. The diodes are available in the normalized E24 ±2% (BZX79-B) and approx. ±5% (BZX79-C) tolerance range. The series consists of 37 types with nominal working voltages from 2.4 to 75 V. Fig.1 Simplified outline (SOD27; DO-35) and symbol. The diodes are type branded. handbook, halfpage MAM239 ka LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). Notes 1. Device mounted on a printed circuit-board without metallization pad; lead length max. 2. Tie-point temperature ≤ 50 °C; max. lead length 8 mm. ELECTRICAL CHARACTERISTICS Total BZX79-B and BZX79-C series Tj =25 °C unless otherwise specified. SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT IF continuous forward current − 250 mA IZSM non-repetitive peak reverse current tp = 100 µs; square wave; Tj =25 °C prior to surge see Tables 1 and 2 A Ptot total power dissipation Tamb =50 °C; note 1 − 400 mW Tamb =50 °C; note 2 − 500 mW PZSM non-repetitive peak reverse power dissipation tp = 100 µs; square wave; Tj =25 °C prior to surge; see Fig.3 − 40 W Tstg storage temperature −65 +200 °C Tj junction temperature −65 +200 °C SYMBOL PARAMETER CONDITIONS MAX. UNIT VF forward voltage IF = 10 mA; see Fig.4 0.9 V |
同様の部品番号 - BZX79-B47 |
|
同様の説明 - BZX79-B47 |