データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3046 データシート(PDF) 3 Page - Intersil Corporation

部品番号 CA3046
部品情報  General Purpose NPN Transistor Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3046 データシート(HTML) 3 Page - Intersil Corporation

  CA3046 Datasheet HTML 1Page - Intersil Corporation CA3046 Datasheet HTML 2Page - Intersil Corporation CA3046 Datasheet HTML 3Page - Intersil Corporation CA3046 Datasheet HTML 4Page - Intersil Corporation CA3046 Datasheet HTML 5Page - Intersil Corporation CA3046 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Open Circuit Reverse Voltage Transfer Ratio
(Figure 11)
hRE
f=1kHz, VCE =3V, IC =1mA
-
1.8 x 10-4
--
Admittance Characteristics
Forward Transfer Admittance (Figure 12)
YFE
f=1kHz, VCE =3V, IC =1mA
-
31- j1.5
-
-
Input Admittance (Figure 13)
YIE
f=1kHz, VCE =3V, IC = 1mA
-
0.3 + j0.04
-
-
Output Admittance (Figure 14)
YOE
f=1kHz, VCE =3V, IC =1mA
-
0.001 + j0.03
-
-
Reverse Transfer Admittance (Figure 15)
YRE
f=1kHz, VCE =3V, IC = 1mA
-
See Fig. 14
-
-
Gain Bandwidth Product (Figure 16)
fT
VCE =3V, IC = 3mA
300
550
-
MHz
Emitter-to-Base Capacitance
CEB
VEB =3V, IE =0
-
0.6
-
pF
Collector-to-Base Capacitance
CCB
VCB =3V, IC =0
-
0.58
-
pF
Collector-to-Substrate Capacitance
CCI
VCS =3V, IC =0
-
2.8
-
pF
NOTE:
3. Actual forcing current is via the emitter for this test.
Electrical Specifications
TA =25
oC, characteristics apply for each transistor in CA3046 as specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Typical Performance Curves
FIGURE 1. TYPICAL COLLECTOR-TO-BASE CUTOFFCURRENT
vs TEMPERATURE FOR EACH TRANSISTOR
FIGURE 2. TYPICAL COLLECTOR-TO-EMITTER CUTOFF
CURRENT vs TEMPERATURE FOR EACH
TRANSISTOR
FIGURE 3. TYPICAL STATIC FORWARD CURRENT TRANSFER
RATIO AND BETA RATIO FOR Q1 AND Q2 vs
EMITTER CURRENT
FIGURE 4. TYPICAL INPUT OFFSET CURRENT FOR
MATCHED TRANSISTOR PAIR Q1Q2 vs
COLLECTOR CURRENT
102
10-1
10
1
10-2
10-3
10-4
0
25
50
75
100
125
TEMPERATURE (oC)
VCB =15V
VCB = 10V
VCB =5V
IE =0
102
10-1
10
1
10-2
10-3
0
25
50
75
100
125
TEMPERATURE (oC)
IB =0
VCE = 10V
VCE =5V
103
EMITTER CURRENT (mA)
VCE =3V
TA =25
oC
120
110
100
90
80
70
60
50
0.01
0.1
1.0
10
0.8
0.9
1.0
1.1
hFE
h
FE1
h
FE2
------------- OR
h
FE2
h
FE1
-------------
10
1.0
0.1
0.01
0.01
0.1
1.0
10
COLLECTOR CURRENT (mA)
VCE =3V
TA =25
oC
CA3046


同様の部品番号 - CA3046

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3046 INTERSIL-CA3046 Datasheet
53Kb / 6P
   General Purpose NPN Transistor Arrays
September 1998
logo
List of Unclassifed Man...
CA3046 ETC2-CA3046 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Intersil Corporation
CA3046M INTERSIL-CA3046M Datasheet
53Kb / 6P
   General Purpose NPN Transistor Arrays
September 1998
CA3046M96 INTERSIL-CA3046M96 Datasheet
53Kb / 6P
   General Purpose NPN Transistor Arrays
September 1998
More results

同様の説明 - CA3046

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3086 INTERSIL-CA3086 Datasheet
34Kb / 5P
   General Purpose NPN Transistor Array
August 2003
CD3086 INTERSIL-CD3086 Datasheet
34Kb / 5P
   General Purpose NPN Transistor Array
CA3086 INTERSIL-CA3086 Datasheet
153Kb / 7P
   General Purpose NPN Transistor Array
logo
Renesas Technology Corp
CA-3083 RENESAS-CA-3083 Datasheet
297Kb / 4P
   General Purpose High Current NPN Transistor Array
logo
Intersil Corporation
CA3083 INTERSIL-CA3083 Datasheet
31Kb / 4P
   General Purpose High Current NPN Transistor Array
September 1998
CA3083 INTERSIL-CA3083_06 Datasheet
147Kb / 4P
   General Purpose High Current NPN Transistor Array
logo
Sanyo Semicon Device
LB1213M SANYO-LB1213M Datasheet
39Kb / 2P
   General-Purpose Transistor Array
logo
NTE Electronics
NTE929 NTE-NTE929 Datasheet
23Kb / 2P
   Integrated Circuit General Purpose, High Current, NPN Transistor Array
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com