データシートサーチシステム |
|
LMV982IDGST データシート(PDF) 6 Page - Texas Instruments |
|
LMV982IDGST データシート(HTML) 6 Page - Texas Instruments |
6 / 22 page LMV981 SINGLE, LMV982 DUAL 1.8V OPERATIONAL AMPLIFIERS WITH RAILTORAIL INPUT AND OUTPUT AND SHUTDOWN SLOS440G − AUGUST 2004 − REVISED MAY 2005 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at TA = 25°C, VCC+ = 2.7 V, VCC− = 0 V, VIC = VCC+/2, VO = VCC+/2, RL > 1 MΩ, and SHDN tied to VCC+ (unless otherwise noted) PARAMETER TEST CONDITIONS TA MIN TYP MAX UNIT LMV981 (single) 25 °C 1 4 VIO Input offset voltage LMV981 (single) Full range 6 mV VIO Input offset voltage LMV982 (dual) 25 °C 1 5.5 mV LMV982 (dual) Full range 7.5 a V IO Average temperature coefficient of input offset voltage 25 °C 5.5 mV/°C VIC = VCC+ − 0.8 V 25 °C 15 35 IIB Input bias current 25 °C 65 nA IIB Input bias current Full range 75 nA IIO Input offset current 25 °C 8 25 nA IIO Input offset current Full range 40 nA 25 °C 105 190 Full range 210 ICC Supply current LMV981 25 °C 0.61 1 A ICC Supply current (per channel) In shutdown LMV981 Full range 2 mA (per channel) In shutdown LM982 25 °C 0.101 3.5 LM982 Full range 5 0 ≤ VIC ≤ 1.5 V, 25 °C 60 81 0 ≤ VIC ≤ 1.5 V, 2.3 V ≤ VIC ≤ 2.7 V −40 °C to 85°C 55 CMRR Common-mode rejection ratio 0.2 ≤ VIC ≤ 1.5 V, 2.3 V ≤ VIC ≤ 2.5 V −40 °C to 125°C 55 dB rejection ratio −0.2 V ≤ VIC ≤ 0 V, 2.7 V ≤ VIC ≤ 2.9 V 25 °C 50 74 kSVR Supply-voltage 1.8 V ≤ VCC+ ≤ 5 V, 25 °C 75 100 dB kSVR Supply-voltage rejection ratio 1.8 V ≤ VCC+ ≤ 5 V, VIC = 0.5 V Full range 70 dB Common-mode 25 °C VCC− − 0.2 −0.2 to 3.0 VCC+ + 0.2 VICR Common-mode input voltage range CMRR ≥ 50 dB −40 °C to 85°C VCC− VCC+ V VICR input voltage range CMRR ≥ 50 dB −40 °C to 125°C VCC− + 0.2 VCC+ −0.2 V RL = 600 Ω to 1.35 V, 25 °C 87 104 LMV981 RL = 600 Ω to 1.35 V, VO = 0.2 V to 2.5 V Full range 86 LMV981 RL = 2 kΩ to 1.35 V, 25 °C 92 110 AV Large-signal RL = 2 kΩ to 1.35 V, VO = 0.2 V to 2.5 V Full range 91 dB AV Large-signal voltage gain RL = 600 Ω to 1.35 V, 25 °C 78 90 dB voltage gain LMV982 RL = 600 Ω to 1.35 V, VO = 0.2 V to 2.5 V Full range 75 LMV982 RL = 2 kΩ to 1.35 V, 25 °C 81 100 RL = 2 kΩ to 1.35 V, VO = 0.2 V to 2.5 V Full range 78 |
同様の部品番号 - LMV982IDGST |
|
同様の説明 - LMV982IDGST |