データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL087 データシート(PDF) 2 Page - Texas Instruments

部品番号 TL087
部品情報  JFET-INPUT OPERATIONAL AMPLIFIERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL087 データシート(HTML) 2 Page - Texas Instruments

  TL087 Datasheet HTML 1Page - Texas Instruments TL087 Datasheet HTML 2Page - Texas Instruments TL087 Datasheet HTML 3Page - Texas Instruments TL087 Datasheet HTML 4Page - Texas Instruments TL087 Datasheet HTML 5Page - Texas Instruments TL087 Datasheet HTML 6Page - Texas Instruments TL087 Datasheet HTML 7Page - Texas Instruments TL087 Datasheet HTML 8Page - Texas Instruments TL087 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
The TL087, TL088, and TL287 are
obsolete and are no longer supplied.
TL087, TL088, TL287, TL288
JFET INPUT OPERATIONAL AMPLIFIERS
SLOS082B – MARCH 1979 REVISED – JULY 2004
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
symbol (each amplifier)
+
OUT
IN +
IN −
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
TL088M
TL288M
TL087I
TL088I
TL287I
TL288I
TL087C
TL088C
TL287C
TL288C
UNIT
Supply voltage, VCC + (see Note 1)
18
18
18
V
Supply voltage, VCC − (see Note 1)
−18
−18
−18
V
Differential input voltage (see Note 2)
±30
±30
±30
V
Input voltage (see Notes 1 and 3)
±15
±15
±15
V
Input current, II (each Input)
±1
±1
±1
mA
Output current, IO (each output)
±80
±80
±80
mA
Total VCC + terminal current
160
160
160
mA
Total VCC− terminal current
− 160
− 160
− 160
mA
Duration of output short circuit (see Note 4)
Unlimited
Unlimited
Unlimited
Continuous total dissipation
See Dissipation Rating Table
Maximum junction temperature, TJ
150
150
°C
Package thermal impedance,
qJA (see Notes 5 and 6)
P package
85
85
°C/W
Lead temperature 1,6 mm (1/16 inch) from case for 60
seconds
JG or U package
300
300
300
°C
Storage temperature range, Tstg
− 65 to 150
− 65 to 150
− 65 to 150
°C
NOTES: 1. All voltage values, except differential voltages, are with respect to the midpoint between VCC+ and VCC−.
2. Differential voltages are at the noninverting input terminal with respect to the inverting input terminal.
3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 V, whichever is less.
4. The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to ensure that the
dissipation rating is not exceeded.
5. Maximum power dissipation is a function of TJ(max), qJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/qJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
6. The package thermal impedance is calculated in accordance with JESD 51-7.
7. The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to ensure that the
dissipation rating is not exceeded.
8. Maximum power dissipation is a function of TJ(max), qJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/qJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
9. The package thermal impedance is calculated in accordance with JESD 51-7.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TA = 125°C
POWER RATING
JG
1050 mW
8.4 mW/
°C
672 mW
546 mW
210 mW
U
675 mW
5.4 mW/
°C
432 mW
351 mW
135 mW


同様の部品番号 - TL087

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL087 TI-TL087 Datasheet
259Kb / 20P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Transko Electronics, In...
TL08702AV TRANSKO-TL08702AV Datasheet
558Kb / 4P
   87.50 MHz IF SAW Filter / 2.40 MHz Bandwidth
Revision 0: 05 Dec. 2008
TL08731AV TRANSKO-TL08731AV Datasheet
596Kb / 4P
   87.50 MHz IF SAW Filter / 31.90 MHz Bandwidth
Revision 0: 22 Apr. 2011
logo
Texas Instruments
TL087CD TI-TL087CD Datasheet
259Kb / 20P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL087CJG TI-TL087CJG Datasheet
259Kb / 20P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results

同様の説明 - TL087

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
[Old version datasheet]   JFET Input Operational Amplifiers
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
   JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081_101 TI-TL081_101 Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35001 MOTOROLA-MC35001 Datasheet
389Kb / 7P
   JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22