データシートサーチシステム |
|
TL7702BID データシート(PDF) 8 Page - Texas Instruments |
|
|
TL7702BID データシート(HTML) 8 Page - Texas Instruments |
8 / 18 page TL7702B, TL7705B, TL7733B SUPPLY-VOLTAGE SUPERVISORS SLVS037M – SEPTEMBER 1989 – REVISED MAY 2003 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS† Figure 4 14 10 8 6 02 4 6 8 10 18 20 ASSERTION TIME vs LOAD RESISTANCE 16 12 RL – Load Resistance – kΩ VCC = 5 V CT = 0.1 µF CL = 10 pF TA = 25°C RESET tr RESET tf Figure 5 400 200 100 0 02 4 6 8 10 600 700 DEASSERTION TIME vs LOAD RESISTANCE 500 300 RL – Load Resistance – kΩ VCC = 5 V CT = 0.1 µF CL = 10 pF TA = 25°C RESET tf RESET tr RESET tr RESET tf Figure 6 24 18 12 6 0 25 50 75 100 125 30 36 ASSERTION TIME vs LOAD CAPACITANCE 150 175 200 VCC = 5 V CT = 0.1 µF RL = 4.7 kΩ TA = 25°C RESET tr RESET tf CL – Load Capacitance – pF Figure 7 0.9 0.7 0.5 0.3 0 25 50 75 100 125 1.1 1.3 DEASSERTION TIME vs LOAD CAPACITANCE 150 175 200 1.7 1.5 1.9 2.1 VCC = 5 V CT = 0.1 µF RL = 4.7 kΩ TA = 25°C RESET tf and RESET tr CL – Load Capacitance – pF † For proper operation, both RESET and RESET should be terminated with resistors of similar value. Failure to do so may cause unwanted plateauing in either output waveform during switching. The TL7705BM is obsolete and no longer is supplied. |
同様の部品番号 - TL7702BID |
|
同様の説明 - TL7702BID |