データシートサーチシステム |
|
HEF4072B データシート(PDF) 2 Page - NXP Semiconductors |
|
HEF4072B データシート(HTML) 2 Page - NXP Semiconductors |
2 / 3 page January 1995 2 Philips Semiconductors Product specification Dual 4-input OR gate HEF4072B gates DESCRIPTION The HEF4072B provides the positive dual 4-input OR function. The outputs are fully buffered for highest noise immunity and pattern insensitivity of output impedance. Fig.1 Functional diagram. HEF4072BP(N): 14-lead DIL; plastic (SOT27-1) HEF4072BD(F): 14-lead DIL; ceramic (cerdip) (SOT73) HEF4072BT(D): 14-lead SO; plastic (SOT108-1) ( ): Package Designator North America Fig.2 Pinning diagram. Fig.3 Logic diagram (one gate). FAMILY DATA, IDD LIMITS category GATES See Family Specifications |
同様の部品番号 - HEF4072B |
|
同様の説明 - HEF4072B |