データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA2822 データシート(PDF) 3 Page - Unisonic Technologies

部品番号 TDA2822
部品情報  DUAL LOW VOLTAGE POWER AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2822 データシート(HTML) 3 Page - Unisonic Technologies

  TDA2822 Datasheet HTML 1Page - Unisonic Technologies TDA2822 Datasheet HTML 2Page - Unisonic Technologies TDA2822 Datasheet HTML 3Page - Unisonic Technologies TDA2822 Datasheet HTML 4Page - Unisonic Technologies TDA2822 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TDA2822
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3
www.unisonic.com.tw
QW-R107-006.E
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
15
V
Output Peak Current
IO(peak)
1
A
DIP-8
1.0
Power Dissipation
SOP-8
PD
0.5
W
Operating Temperature
TOPR
-20~+85
°C
Storage Temperature
TSTG
-40~+150
°C
Note:1. Absolute maximum ratings are stress ratings only and functional device operation is not implied. The device
could be damaged beyond Absolute maximum ratings.
2. The device is guaranteed to meet performance specifications within 0℃~70℃ operating temperature range
and assured by design from -20℃~ 85℃
ELECTRICAL CHARACTERISTICS (Ta=25°C, V
CC=6V, f=1kHz, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Supply Voltage
VCC
1.8
12
V
Quiescent Circuit Current
ICC
VIN=0
9
mA
Stereo
40
dB
Closed Loop Voltage Gain
Bridge
GVC
40
dB
Channel Balance
CB
Stereo
-1
0
1
dB
DIP-8
0.4
0.65
SOP-8
VCC=6V,RL=4Ω, THD=10%
0.28
0.45
W
DIP-8
0.11
Output Power(Stereo)
SOP-8
POUT
VCC=3V,RL=4Ω, THD=10%
0.07
W
DIP-8
0.9
1.35
SOP-8
VCC=6V,RL=4Ω, THD=10%
0.63
0.94
W
DIP-8
0.35
Output Power (Bridge)
SOP-8
POUT
VCC=6V,RL=4Ω, THD=10%
0.24
W
Stereo
RL=8Ω, POUT=0.2W
0.5
%
Total Harmonic Distortion
Bridge
THD
RL=8Ω, POUT=0.5W
0.5
%
Ripple Rejection
RR
Stereo, f=100Hz,C3=100
µF
24
30
dB
Output Noise Voltage
eN
Stereo,BW(-3dB)=20Hz ~20kHz
0.5
2.0
mV
Cross Talk
CT
Stereo, f=1kHz
50
dB
Input Resistance
RIN
100
k


同様の部品番号 - TDA2822

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TDA2822 STMICROELECTRONICS-TDA2822 Datasheet
163Kb / 11P
   DUAL POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2822 TGS-TDA2822 Datasheet
520Kb / 7P
   DUAL POWER AMPLIFIER
logo
Unisonic Technologies
TDA2822 UTC-TDA2822 Datasheet
145Kb / 6P
   DUAL LOW VOLTAGE POWER AMPLIFIER
logo
STMicroelectronics
TDA2822 STMICROELECTRONICS-TDA2822 Datasheet
1Mb / 11P
   DUAL POWER AMPLIFIER
logo
Unisonic Technologies
TDA2822 UTC-TDA2822 Datasheet
145Kb / 6P
   DUAL LOW VOLTAGE POWER AMPLIFIER
More results

同様の説明 - TDA2822

メーカー部品番号データシート部品情報
logo
New Japan Radio
NJM2073M-TE2 NJRC-NJM2073M-TE2 Datasheet
283Kb / 11P
   DUAL LOW VOLTAGE POWER AMPLIFIER
logo
Unisonic Technologies
TDA2822 UTC-TDA2822_15 Datasheet
145Kb / 6P
   DUAL LOW VOLTAGE POWER AMPLIFIER
logo
Hangzhou Youwang Electr...
UTC2822H YOUWANG-UTC2822H Datasheet
93Kb / 5P
   DUAL LOW VOLTAGE POWER AMPLIFIER
logo
New Japan Radio
NJM2076 NJRC-NJM2076 Datasheet
250Kb / 8P
   DUAL LOW VOLTAGE POWER AMPLIFIER?
logo
First Components Intern...
TDA2822M FCI-TDA2822M Datasheet
409Kb / 9P
   DUAL LOW-VOLTAGE POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
NJM2076 TGS-NJM2076 Datasheet
252Kb / 6P
   DUAL LOW VOLTAGE POWER AMPLIFIER
logo
STMicroelectronics
TDA2822M STMICROELECTRONICS-TDA2822M Datasheet
362Kb / 11P
   DUAL LOW-VOLTAGE POWER AMPLIFIER
logo
Avic Technology
AV2822 AVICTEK-AV2822 Datasheet
182Kb / 5P
   DUAL LOW VOLTAGE POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2822 ANPEC-APA2822 Datasheet
91Kb / 9P
   Dual Low-Voltage Power Amplifier
logo
Unisonic Technologies
TDA2822H UTC-TDA2822H Datasheet
82Kb / 3P
   DUAL LOW VOLTAGE POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com