データシートサーチシステム |
|
SN74AVCA164245 データシート(PDF) 7 Page - Texas Instruments |
|
|
SN74AVCA164245 データシート(HTML) 7 Page - Texas Instruments |
7 / 15 page www.ti.com Switching Characteristics Switching Characteristics Switching Characteristics SN74AVCA164245 16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS SCES395B – JULY 2002 – REVISED OCTOBER 2005 over recommended operating free-air temperature range, V CCA = 1.5 V ± 0.1 V (see Figure 2) VCCB = 1.5 V VCCB = 1.8 V VCCB = 2.5 V VCCB = 3.3 V FROM TO ± 0.1 V ± 0.15 V ± 0.2 V ± 0.3 V PARAMETER UNIT (INPUT) (OUTPUT) MIN MAX MIN MAX MIN MAX MIN MAX A B 1.7 6.7 1.9 6.3 1.8 5.5 1.7 5.8 tpd ns B A 1.8 6.8 2.2 7.4 2.1 7.6 2.1 7.3 A 2.6 8.4 2.7 8.2 2.3 6.3 2.1 5.6 ten OE ns B 2.7 8.6 3.2 10.2 3.2 10.8 3.2 10.7 A 2.1 7 2.5 7 1.7 5.3 2 6.1 tdis OE ns B 2.1 7.1 2.5 7.1 2.1 6.5 2.1 6.4 over recommended operating free-air temperature range, V CCA = 1.8 V ± 0.15 V (see Figure 2) VCCB = 1.5 V VCCB = 1.8 V VCCB = 2.5 V VCCB = 3.3 V FROM TO ± 0.1 V ± 0.15 V ± 0.2 V ± 0.3 V PARAMETER UNIT (INPUT) (OUTPUT) MIN MAX MIN MAX MIN MAX MIN MAX A B 1.7 6.4 1.8 6 1.7 4.7 1.6 4.3 tpd ns B A 1.4 5.5 1.8 6 1.8 5.8 1.8 5.5 A 2.5 8 2.7 7.8 2.2 5.8 2 5.1 ten OE ns B 1.8 6.7 2.7 7.8 2.7 8.1 2.7 8.1 A 2.1 6.4 2.5 6.4 1.5 4.5 1.8 5 tdis OE ns B 2.1 6.6 2.5 6.4 2 5.5 2 5.5 over recommended operating free-air temperature range, V CCA = 2.5 V ± 0.2 V (see Figure 2) VCCB = 1.5 V VCCB = 1.8 V VCCB = 2.5 V VCCB = 3.3 V FROM TO ± 0.1 V ± 0.15 V ± 0.2 V ± 0.3 V PARAMETER UNIT (INPUT) (OUTPUT) MIN MAX MIN MAX MIN MAX MIN MAX A B 1.6 6 1.8 5.6 1.5 4 1.4 3.4 tpd ns B A 1.3 4.6 1.7 4.4 1.5 4 1.4 3.7 A 2.6 7.4 2.7 7.2 2.2 5.3 2 4.5 ten OE ns B 1.2 4.1 2.2 5.1 2.2 5.3 2.2 5.3 A 2 5.7 2.3 5.7 1.4 3.7 1.6 4 tdis OE ns B 0.9 4.5 1.7 4.5 1.4 3.7 1.4 3.7 7 |
同様の部品番号 - SN74AVCA164245 |
|
同様の説明 - SN74AVCA164245 |